Electronic Components Datasheet Search
  English  ▼

X  

ADCMP603 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP603
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP603 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP603_15 Datasheet HTML 3Page - Analog Devices ADCMP603_15 Datasheet HTML 4Page - Analog Devices ADCMP603_15 Datasheet HTML 5Page - Analog Devices ADCMP603_15 Datasheet HTML 6Page - Analog Devices ADCMP603_15 Datasheet HTML 7Page - Analog Devices ADCMP603_15 Datasheet HTML 8Page - Analog Devices ADCMP603_15 Datasheet HTML 9Page - Analog Devices ADCMP603_15 Datasheet HTML 10Page - Analog Devices ADCMP603_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADCMP603
Rev. 0 | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VCCO
2
VCCI
3
VEE
9VEE
8LE/HYS
7SDN
TOP VIEW
(Not to Scale)
ADCMP603
Figure 3. ADCMP603 Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V
Output Section Supply.
CCO
2
VCCI
Input Section Supply.
3
VEE
Negative Supply Voltage.
4
VP
Noninverting Analog Input.
5
VEE
Negative Supply Voltage.
6
VN
Inverting Analog Input.
7
SDN
Shutdown. Drive this pin low to shut down the device.
8
LE/HYS
Latch/Hysteresis Control. Bias with resistor or current for hysteresis adjustment; drive low to latch.
9
VEE
Negative Supply Voltage.
10
Q
Inverting Output. Q is at logic low if the analog voltage at the noninverting input, VP, is greater than the analog
voltage at the inverting input, VN, if the comparator is in compare mode. See the LE/HYS pin description (Pin 8)
for more information.
11
VEE
Negative Supply Voltage.
12
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater than the
analog voltage at the inverting input, VN, if the comparator is in compare mode. See the LE pin description
(Pin 8) for more information.
V
Heat Sink
Paddle
The metallic back surface of the package is electrically connected to V
EE
EE
. It can be left floating because Pin 3, Pin 5,
Pin 9, and Pin 11 provide adequate electrical connection. It can also be soldered to the application board if
improved thermal and/or mechanical stability is desired. Exposed metal at package corners is connected to the
heat sink paddle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com