Electronic Components Datasheet Search
  English  ▼

X  

ADCMP603 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP603
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP603 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP603_15 Datasheet HTML 1Page - Analog Devices ADCMP603_15 Datasheet HTML 2Page - Analog Devices ADCMP603_15 Datasheet HTML 3Page - Analog Devices ADCMP603_15 Datasheet HTML 4Page - Analog Devices ADCMP603_15 Datasheet HTML 5Page - Analog Devices ADCMP603_15 Datasheet HTML 6Page - Analog Devices ADCMP603_15 Datasheet HTML 7Page - Analog Devices ADCMP603_15 Datasheet HTML 8Page - Analog Devices ADCMP603_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
Single-Supply TTL/CMOS Comparator
ADCMP603
FEATURES
FUNCTIONAL BLOCK DIAGRAM
VP NONINVERTING
INPUT
VN INVERTING
INPUT
SDN INPUT
Q OUTPUT
Q OUTPUT
VCCI
VCCO
LE/HYS INPUT
ADCMP603
TTL
Fully specified rail to rail at V = 2.5 V to 5.5 V
CC
Input common-mode voltage from −0.2 V to V + 0.2 V
CC
Low glitch CMOS-/TTL-compatible output stage
Complementary outputs
3.5 ns propagation delay
12 mW at 3.3 V
Shutdown pin
Single-pin control for programmable hysteresis and latch
Power supply rejection > 50 dB
−40°C to +125°C operation
APPLICATIONS
Figure 1.
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
Pulse spectroscopy
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Pulse-width modulators
Current-/voltage-controlled oscillators
Automatic test equipment (ATE)
GENERAL DESCRIPTION
The device passes 4.5 kV HBM ESD testing and the absolute
maximum ratings include current limits for all pins.
The ADCMP603 is a very fast comparator fabricated on
XFCB2, an Analog Devices, Inc. proprietary process. This
comparator is exceptionally versatile and easy to use. Features
include an input range from V
The complementary TTL-/CMOS-compatible output stage is
designed to drive up to 5 pF with full timing specs and to
degrade in a graceful and linear fashion as additional
capacitance is added. The comparator input stage offers robust
protection against large input overdrive, and the outputs do not
phase reverse when the valid input signal range is exceeded.
Latch and programmable hysteresis features are also provided
with a unique single-pin control option.
− 0.5 V to V
EE
CC
+ 0.2 V, low noise
complementary TTL-/CMOS-compatible output drivers, latch
inputs with adjustable hysteresis and a shutdown input.
The device offers 3.5 ns propagation delay with 10 mV
overdrive on 4 mA typical supply current.
A flexible power supply scheme allows the device to operate
with a single +2.5 V positive supply and a −0.5 V to +2.8 V
input signal range up to a +5.5 V positive supply with a −0.5 V
to +5.8 V input signal range. Split input/output supplies with no
sequencing restrictions support a wide input signal range while
still allowing independent output swing control and power
savings.
The ADCMP603 is available in a 12-lead LFCSP package.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADCMP603_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP603BCPZ-R2 AD-ADCMP603BCPZ-R2 Datasheet
309Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
10/06-Revision 0
ADCMP603BCPZ-R7 AD-ADCMP603BCPZ-R7 Datasheet
309Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
10/06-Revision 0
ADCMP603BCPZ-WP AD-ADCMP603BCPZ-WP Datasheet
309Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
10/06-Revision 0
More results

Similar Description - ADCMP603_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
10/06-Revision 0
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Mar-2006
ADCMP600 AD-ADCMP600_11 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP600 AD-ADCMP600_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
REV. A
ADCMP602 AD-ADCMP602_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP601 AD-ADCMP601_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP604 AD-ADCMP604_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP606 AD-ADCMP606_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com