Electronic Components Datasheet Search
  English  ▼

X  

ADCMP605 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP605
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP605 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP605_15 Datasheet HTML 6Page - Analog Devices ADCMP605_15 Datasheet HTML 7Page - Analog Devices ADCMP605_15 Datasheet HTML 8Page - Analog Devices ADCMP605_15 Datasheet HTML 9Page - Analog Devices ADCMP605_15 Datasheet HTML 10Page - Analog Devices ADCMP605_15 Datasheet HTML 11Page - Analog Devices ADCMP605_15 Datasheet HTML 12Page - Analog Devices ADCMP605_15 Datasheet HTML 13Page - Analog Devices ADCMP605_15 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADCMP604/ADCMP605
Data Sheet
APPLICATIONS INFORMATION
POWER/GROUND LAYOUT AND BYPASSING
The ADCMP604/ADCMP605 comparators are very high speed
devices. Despite the low noise output stage, it is essential to use
proper high speed design techniques to achieve the specified
performance. Because comparators are uncompensated amplifiers,
feedback in any phase relationship is likely to cause oscillations
or undesired hysteresis. The use of low impedance supply planes is
of critical importance particularly the output supply plane (VCCO)
and the ground plane (GND). Individual supply planes are
recommended as part of a multilayer board. Providing the
lowest inductance return path for switching currents ensures
the best possible performance in the target application.
It is also important to adequately bypass the input and output
supplies. Multiple high quality 0.01 µF bypass capacitors should
be placed as close as possible to each of the VCCI and VCCO supply
pins and should be connected to the GND plane with redundant
vias. At least one of these should be placed to provide a physically
short return path for output currents flowing back from ground
to the VCCI pin and the VCCO pin. High frequency bypass capacitors
should be carefully selected for minimum inductance and ESR.
Parasitic layout inductance should also be strictly controlled to
maximize the effectiveness of the bypass at high frequencies.
If the package allows, and the input and output supplies have
been connected separately (VCCI ≠ VCCO), be sure to bypass each
of these supplies separately to the GND plane. Do not connect a
bypass capacitor between these supplies. It is recommended that
the GND plane separate the VCCI and VCCO planes when the
circuit board layout is designed to minimize coupling between
the two supplies to take advantage of the additional bypass
capacitance from each respective supply to the ground plane.
This enhances the performance when split input/output supplies
are used. If the input and output supplies are connected together
for single-supply operation (VCCI = VCCO), coupling between the
two supplies is unavoidable; however, careful board placement
can help keep output return currents away from the inputs.
LVDS-COMPATIBLE OUTPUT STAGE
Specified propagation delay dispersion performance is only
achieved by keeping parasitic capacitive loads at or below the
specified minimums. The outputs of the ADCMP604 and
ADCMP605 are designed to directly drive any standard
LVDS-compatible input.
USING/DISABLING THE LATCH FEATURE
The latch input is designed for maximum versatility. It can safely be
left floating or it can be driven low by any standard TTL/CMOS
device as a high speed latch. In addition, the pin can be operated as
a hysteresis control pin with a bias voltage of 1.25 V nominal and
an input resistance of approximately 70 kΩ. This allows the
comparator hysteresis to be easily controlled by either a resistor or
an inexpensive CMOS DAC. Driving this pin high or floating the
pin disables all hysteresis.
Hysteresis control and latch mode can be used together if an
open drain, an open collector, or a three-state driver is connected in
parallel to the hysteresis control resistor or current source.
Due to the programmable hysteresis feature, the logic threshold
of the latch pin is approximately 1.1 V, regardless of VCCO.
OPTIMIZING PERFORMANCE
As with any high speed comparator, proper design and layout
techniques are essential for obtaining the specified performance.
Stray capacitance, inductance, inductive power and ground
impedances, or other layout issues can severely limit performance
and often cause oscillation. Large discontinuities along input
and output transmission lines can also limit the specified
pulse-width dispersion performance. The source impedance
should be minimized as much as is practicable. High source
impedance, in combination with the parasitic input capacitance
of the comparator, causes an undesirable degradation in bandwidth
at the input, thus degrading the overall response. Thermal noise
from large resistances can easily cause extra jitter with slowly
slewing input signals. Higher impedances encourage undesired
coupling.
Rev. B | Page 10 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com