Electronic Components Datasheet Search
  English  ▼

X  

ADCMP605 Datasheet(PDF) 2 Page - Analog Devices

Part # ADCMP605
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP605 Datasheet(HTML) 2 Page - Analog Devices

  ADCMP605_15 Datasheet HTML 1Page - Analog Devices ADCMP605_15 Datasheet HTML 2Page - Analog Devices ADCMP605_15 Datasheet HTML 3Page - Analog Devices ADCMP605_15 Datasheet HTML 4Page - Analog Devices ADCMP605_15 Datasheet HTML 5Page - Analog Devices ADCMP605_15 Datasheet HTML 6Page - Analog Devices ADCMP605_15 Datasheet HTML 7Page - Analog Devices ADCMP605_15 Datasheet HTML 8Page - Analog Devices ADCMP605_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ADCMP604/ADCMP605
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Timing Information ......................................................................... 5
Absolute Maximum Ratings............................................................ 6
Thermal Resistance ...................................................................... 6
ESD Caution.................................................................................. 6
Pin Configurations and Function Descriptions ........................... 7
Typical Performance Characteristics ............................................. 8
Applications Information .............................................................. 10
Power/Ground Layout and Bypassing..................................... 10
LVDS-Compatible Output Stage.............................................. 10
Using/Disabling the Latch Feature........................................... 10
Optimizing Performance........................................................... 10
Comparator Propagation Delay Dispersion ........................... 11
Comparator Hysteresis .............................................................. 11
Crossover Bias Points................................................................. 12
Minimum Input Slew Rate Requirement................................ 12
Typical Application Circuits ......................................................... 13
Outline Dimensions....................................................................... 14
Ordering Guide .......................................................................... 14
REVISION HISTORY
11/14—Rev. A to Rev. B
Changes to Figure 4 and Table 6..................................................... 7
Changes to Figure 15 and Figure 16............................................... 9
Updated Outline Dimensions....................................................... 14
Changes to Ordering Guide .......................................................... 14
8/07—Rev. 0 to Rev. A
Changes to Features and General Description ............................. 1
Changes to Electrical Characteristics Section .............................. 3
Changes to Table 3............................................................................ 6
Changes to Layout.............................................................................7
Changes to Figure 8...........................................................................8
Changes to Figure 14.........................................................................9
Changes to Power/Ground Layout and Bypassing Section, and
Using/Disabling the Latch Feature Section................................. 10
Changes to Comparator Hysteresis Section................................ 11
Changes to Crossover Bias Points Section .................................. 12
Changes to Ordering Guide.......................................................... 14
10/06—Revision 0: Initial Version
Rev. B | Page 2 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com