Electronic Components Datasheet Search
  English  ▼

X  

ADCMP608 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP608
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP608 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP608_15 Datasheet HTML 2Page - Analog Devices ADCMP608_15 Datasheet HTML 3Page - Analog Devices ADCMP608_15 Datasheet HTML 4Page - Analog Devices ADCMP608_15 Datasheet HTML 5Page - Analog Devices ADCMP608_15 Datasheet HTML 6Page - Analog Devices ADCMP608_15 Datasheet HTML 7Page - Analog Devices ADCMP608_15 Datasheet HTML 8Page - Analog Devices ADCMP608_15 Datasheet HTML 9Page - Analog Devices ADCMP608_15 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADCMP608
Data Sheet
Rev. B | Page 6 of 10
TYPICAL PERFORMANCE CHARACTERISTICS
VCC =2.5 V, TA = 25°C, unless otherwise noted.
Figure 3. Input Bias Current vs. Input Common-Mode Voltage
Figure 4. Propagation Delay vs. Input Overdrive at VCC = 2.5 V and 5.5 V
Figure 5. Load Current (mA) vs. VOH/VOL
Figure 6. Propagation Delay vs. Input Common-Mode Voltage
Figure 7. 1 MHz Output Voltage Waveform VCC = 2.5 V
Figure 8. 1 MHz Output Voltage Waveform VCC = 5.5 V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
VCM AT VCC (2.5V)
5
4
3
2
1
0
–1
–2
–3
–4
–5
+125°C
–40°C
+25°C
150
100
50
0
OD (mV)
60
55
50
45
40
35
30
25
20
VCC = 5.5V
RISE DELAY
VCC = 5.5V
FALL DELAY
VCC = 2.5V
RISE DELAY
VCC = 2.5V
FALL DELAY
4.0
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.5
1.0
0.5
0
–0.5
–1.0
VOUT (V)
SINK
SOURCE
0.5
1.0
1.5
2.0
2.5
3.0
38.0
37.8
37.6
37.4
37.2
37.0
36.8
36.6
36.4
36.2
36.0
VCM AT VCC (2.5V)
PROPAGATION DELAY RISE
PROPAGATION DELAY FALL
Q
0.5V/DIV
100ns/DIV
1V/DIV
100ns/DIV
Q



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com