Electronic Components Datasheet Search
  English  ▼

X  

ADCMP608 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP608
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP608 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP608_15 Datasheet HTML 1Page - Analog Devices ADCMP608_15 Datasheet HTML 2Page - Analog Devices ADCMP608_15 Datasheet HTML 3Page - Analog Devices ADCMP608_15 Datasheet HTML 4Page - Analog Devices ADCMP608_15 Datasheet HTML 5Page - Analog Devices ADCMP608_15 Datasheet HTML 6Page - Analog Devices ADCMP608_15 Datasheet HTML 7Page - Analog Devices ADCMP608_15 Datasheet HTML 8Page - Analog Devices ADCMP608_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V,
Single-Supply TTL/CMOS Comparator
Data Sheet
ADCMP608
FEATURES
Fully specified rail to rail at VCC = 2.5 V to 5.5 V
Input common-mode voltage from −0.2 V to VCC + 0.2 V
Low glitch CMOS-/TTL-compatible output stage
40 ns propagation delay
Low power: 1 mW at 2.5 V
Shutdown pin
Power supply rejection > 60 dB
−40°C to +125°C operation
APPLICATIONS
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Pulse-width modulators
Current-/voltage-controlled oscillators
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADCMP608 is a fast comparator fabricated on XFCB2, an
Analog Devices, Inc. proprietary process. This comparator is
exceptionally versatile and easy to use. Features include an input
range from VEE − 0.2 V to VCC + 0.2 V, low noise, TTL-/CMOS-
compatible output drivers, and shutdown inputs. The device
offers 40 ns propagation delays driving a 15 pF load with 10 mV
overdrive on 500 µA typical supply current.
A flexible power supply scheme allows the device to operate
with a single +2.5 V positive supply and a −0.2 V to + 2.7 V
input signal range up to a +5.5 V positive supply with a −0.2 V
to +5.7 V input signal range.
The TTL-/CMOS-compatible output stage is designed to drive
up to 15 pF with full rated timing specifications and to degrade
in a graceful and linear fashion as additional capacitance is
added. The input stage of the comparator offers robust protection
against large input overdrive, and the outputs do not phase
reverse when the valid input signal range is exceeded.
The ADCMP608 is available in a tiny 6-lead SC70 package with
a single-ended output and a shutdown pin.
ADCMP608
NONINVERTING
INPUT
INVERTING
INPUT
Q OUTPUT
+
SDN
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADCMP608_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP608BKSZ-R2 AD-ADCMP608BKSZ-R2 Datasheet
258Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
4/07-Revision 0
ADCMP608BKSZ-R2 AD-ADCMP608BKSZ-R2 Datasheet
259Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608BKSZ-REEL AD-ADCMP608BKSZ-REEL Datasheet
258Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
4/07-Revision 0
ADCMP608BKSZ-REEL7 AD-ADCMP608BKSZ-REEL7 Datasheet
259Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608BKSZ-RL AD-ADCMP608BKSZ-RL Datasheet
258Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
4/07-Revision 0
More results

Similar Description - ADCMP608_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8469 AD-AD8469 Datasheet
265Kb / 12P
Fast, Rail-to-Rail, Low Power, 2.5 V to 5.5 V
REV. 0
ADCMP600 AD-ADCMP600_11 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP600 AD-ADCMP600_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
REV. A
ADCMP602 AD-ADCMP602_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP601 AD-ADCMP601_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP603 AD-ADCMP603_15 Datasheet
364Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. 0
ADCMP604 AD-ADCMP604_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP609 AD-ADCMP609_15 Datasheet
265Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com