Electronic Components Datasheet Search
  English  ▼

X  

ADE7755 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7755
Description  Energy Metering IC with Pulse Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7755 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7755_15 Datasheet HTML 4Page - Analog Devices ADE7755_15 Datasheet HTML 5Page - Analog Devices ADE7755_15 Datasheet HTML 6Page - Analog Devices ADE7755_15 Datasheet HTML 7Page - Analog Devices ADE7755_15 Datasheet HTML 8Page - Analog Devices ADE7755_15 Datasheet HTML 9Page - Analog Devices ADE7755_15 Datasheet HTML 10Page - Analog Devices ADE7755_15 Datasheet HTML 11Page - Analog Devices ADE7755_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADE7755
Rev. A | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0.1
0.01
1
10
0.5
0.4
0.3
0.2
FULL-SCALE CURRENT (%)
–40°C
+25°C
+85°C
PF = 1
GAIN = 1
ON-CHIP REFERENCE
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
100
0.1
0.01
1
10
0.5
0.4
0.3
0.2
FULL-SCALE CURRENT (%)
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
100
–40°C
+25°C
+85°C
PF = 1
GAIN = 16
ON-CHIP REFERENCE
Figure 4. Error as a % of Reading (Gain = 1)
Figure 7. Error as a % of Reading (Gain = 16)
0.1
0.01
1
10
0.5
0.4
0.3
0.2
FULL-SCALE CURRENT (%)
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
100
–40°C
+25°C
+85°C
PF = 1
GAIN = 2
ON-CHIP REFERENCE
0.1
0.01
1
10
0.6
0.4
0.2
0
FULL-SCALE CURRENT (%)
–0.2
–0.4
–0.6
100
PF = 0.5
GAIN = 1
ON-CHIP REFERENCE
–40°C PF = 0.5
+25°C PF = 1
+25°C PF = 0.5
+85°C PF = 0.5
Figure 5. Error as a % of Reading (Gain = 2)
Figure 8. Error as a % of Reading (Gain = 1)
0.1
0.01
1
10
0.6
0.4
0.2
0
FULL-SCALE CURRENT (%)
–0.2
–0.4
–0.6
100
PF = 0.5
GAIN = 2
ON-CHIP REFERENCE
–40°C PF = 0.5
+25°C PF = 1
+25°C PF = 0.5
+85°C PF = 0.5
0.1
0.01
1
10
0.6
–40°C
PF = 1
GAIN = 8
ON-CHIP REFERENCE
+25°C
+85°C
0.5
0.4
0.3
FULL-SCALE CURRENT (%)
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
100
Figure 6. Error as a % of Reading (Gain = 8)
Figure 9. Error as a % of Reading (Gain = 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com