Electronic Components Datasheet Search
  English  ▼

X  

ADE7755 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7755
Description  Energy Metering IC with Pulse Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7755 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7755_15 Datasheet HTML 5Page - Analog Devices ADE7755_15 Datasheet HTML 6Page - Analog Devices ADE7755_15 Datasheet HTML 7Page - Analog Devices ADE7755_15 Datasheet HTML 8Page - Analog Devices ADE7755_15 Datasheet HTML 9Page - Analog Devices ADE7755_15 Datasheet HTML 10Page - Analog Devices ADE7755_15 Datasheet HTML 11Page - Analog Devices ADE7755_15 Datasheet HTML 12Page - Analog Devices ADE7755_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADE7755
Rev. A | Page 9 of 20
0.1
0.01
1
10
0.8
0.6
0.4
0.2
FULL-SCALE CURRENT (%)
–0.2
–0.6
–0.4
0
–0.8
100
PF = 0.5
GAIN = 8
ON-CHIP REFERENCE
–40°C PF = 0.5
+25°C PF = 1
+25°C PF = 0.5
+85°C PF = 0.5
Figure 10. Error as a % of Reading (Gain = 8)
0.1
0.01
1
10
0.4
0.2
0
–0.2
FULL-SCALE CURRENT (%)
–0.6
–0.8
–0.4
–1.0
100
–40°C PF = 0.5
+25°C PF = 1
+25°C PF = 0.5
+85°C PF = 0.5
PF = 0.5
GAIN = 16
ON-CHIP REFERENCE
Figure 11. Error as a % of Reading (Gain = 16)
0.1
0.01
1
10
FULL-SCALE CURRENT (%)
100
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
PF = 1
GAIN = 2
EXTERNAL REFERENCE
+25°C
–40°C
+85°C
Figure 12. Error as a % of Reading over Temperature with an External
Reference (Gain = 2)
0.1
0.01
1
10
FULL-SCALE CURRENT (%)
100
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
PF = 1
GAIN = 16
EXTERNAL REFERENCE
–40°C
+25°C
+85°C
Figure 13. Error as a % of Reading over Temperature with an External
Reference (Gain = 16)
50
45
60
55
70
65
0.8
0.6
0.4
0.2
FREQUENCY (Hz)
0
–0.2
–0.4
–0.6
75
PF = 1
PF = 0.5
Figure 14. Error as a % of Reading over Frequency
40A TO
40mA
500µΩ
1.5mΩ
10mΩ
1kΩ
1MΩ
1kΩ
10µF
100nF
NC
AVDD AC/DC DVDD
F1
F2
U1
ADE7755 CF
REVP
NC
CLKOUT
CLKIN
G0
G1
S0
S1
SCF
V1P
V1N
V2N
V2P
REFIN/OUT
100nF
10µF
K7
NC = NO CONNECT
PS2501-1
33pF
33pF
K8
10kΩ
10nF
10nF
10nF
VDD
RESET AGND DGND
Y1
3.58MHz
GAIN
SELECT
U3
VDD
VDD
33nF
33nF
100nF
33nF
1kΩ
10µF
220V
33nF
1kΩ
4
32
1
24
1
4
3
2
23
22
20
19
18
17
16
15
14
13
12
21
11
9
5
6
7
8
10
Figure 15. Test Circuit for Performance Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com