Electronic Components Datasheet Search
  English  ▼

X  

ADE7762 Datasheet(PDF) 8 Page - Analog Devices

Part # ADE7762
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADE7762_15 Datasheet HTML 4Page - Analog Devices ADE7762_15 Datasheet HTML 5Page - Analog Devices ADE7762_15 Datasheet HTML 6Page - Analog Devices ADE7762_15 Datasheet HTML 7Page - Analog Devices ADE7762_15 Datasheet HTML 8Page - Analog Devices ADE7762_15 Datasheet HTML 9Page - Analog Devices ADE7762_15 Datasheet HTML 10Page - Analog Devices ADE7762_15 Datasheet HTML 11Page - Analog Devices ADE7762_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADE7762
Rev. 0 | Page 8 of 28
Pin No.
Mnemonic
Description
21
CLKIN
Master Clock for the ADCs and Digital Signal Processing. An external clock can be provided at this logic
input. Alternatively, a parallel resonant AT crystal can be connected across CLKIN and CLKOUT to
provide a clock source for the ADE7762. The clock frequency for the specified operation is 10 MHz.
Ceramic load capacitors between 22 pF and 33 pF should be used with the gate oscillator circuit. Refer
to the crystal manufacturer’s data sheet for the load capacitance requirements.
22
CLKOUT
A crystal can be connected across this pin and CLKIN as described for Pin 21 to provide a clock source
for the ADE7762. The CLKOUT pin can drive one CMOS load when an external clock is supplied at CLKIN
or when a crystal is used.
23, 24
S0, S1
These logic inputs are used to select one of four possible frequencies for the digital-to-frequency
conversion for design flexibility.
25, 26
F2, F1
Low Frequency Logic Outputs. F1 and F2 supply average active power information. These logic outputs
can be used to drive electromechanical counters and 2-phase stepper motors directly (see the Transfer
Function section).
27
LED_C
Phase C Phase Monitor Output. LEDs are connected to this pin to indicate phase drop or reverse power
on Phase C (see the Phase Monitor section).
28
LED_B
Phase B Phase Monitor Output. LEDs are connected to this pin to indicate phase drop or reverse power
on Phase B (see the Phase Monitor section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com