Electronic Components Datasheet Search
  English  ▼

X  

ADF4107 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4107
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107 Datasheet(HTML) 4 Page - Analog Devices

  ADF4107_15 Datasheet HTML 1Page - Analog Devices ADF4107_15 Datasheet HTML 2Page - Analog Devices ADF4107_15 Datasheet HTML 3Page - Analog Devices ADF4107_15 Datasheet HTML 4Page - Analog Devices ADF4107_15 Datasheet HTML 5Page - Analog Devices ADF4107_15 Datasheet HTML 6Page - Analog Devices ADF4107_15 Datasheet HTML 7Page - Analog Devices ADF4107_15 Datasheet HTML 8Page - Analog Devices ADF4107_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADF4107
Data Sheet
Rev. D | Page 4 of 20
Parameter
B Version1
B Chips2 (Typ)
Unit
Test Conditions/Comments
Phase Noise Performance12
@ VCO output
900 MHz Output13
−93
−93
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency
6400 MHz Output14
−76
−76
dBc/Hz typ
@ 1 kHz offset and 200 kHz PFD frequency
6400 MHz Output15
−83
−83
dBc/Hz typ
@ 1 kHz offset and 1 MHz PFD frequency
Spurious Signals
900 MHz Output13
−90/−92
−90/−92
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD
frequency
6400 MHz Output14
−65/−70
−65/−70
dBc typ
@ 200 kHz/400 kHz and 200 kHz PFD
frequency
6400 MHz Output15
−70/−75
−70/−75
dBc typ
@ 1 MHz/2 MHz and 1 MHz PFD frequency
1 Operating temperature range (B version) is −40°C to +85°C.
2 The B chip specifications are given as typical values.
3 Use a square wave for lower frequencies, below the minimum stated.
4 This is the maximum operating frequency of the CMOS counters. The prescaler value should be chosen to ensure that the RF input is divided down to a frequency that
is less than this value.
5 AVDD = DVDD = 3 V.
6 AC-coupling ensures AVDD/2 bias.
7 Guaranteed by design. Sample tested to ensure compliance.
8 TA = 25°C; AVDD = DVDD = 3 V; P = 32; RFIN = 7.0 GHz.
9 TA = 25°C; AVDD = DVDD = 3.3 V; R = 16,383; A = 63; B = 891; P = 32; RFIN = 7.0 GHz.
10 The synthesizer phase noise floor is estimated by measuring the in-band phase noise at the output of the VCO and subtracting 20logN (where N is the N divider value)
and 10 log(FPFD). PNSYNTH = PNTOT – 20 logN −10 logFPFD.
11 The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency, fRF,
and at a frequency offset, f, is given by PN = PN1_f + 10 log(10 kHz/f) + 20 log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are modeled in
ADIsimPLL.
12 The phase noise is measured with the EV-ADF411xSD1Z evaluation board and the HP8562E spectrum analyzer. The spectrum analyzer provides the REFIN for the
synthesizer (fREFOUT = 10 MHz @ 0 dBm).
13 fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 900 MHz; N = 4500; loop BW = 20 kHz.
14 fREFIN = 10 MHz; fPFD = 200 kHz; offset frequency = 1 kHz; fRF = 6400 MHz; N = 32,000; loop BW = 20 kHz.
15 fREFIN = 10 MHz; fPFD = 1 MHz; offset frequency = 1 kHz; fRF = 6400 MHz; N = 6400; loop BW = 100 kHz.
TIMING CHARACTERISTICS
AVDD = DVDD = 3 V ± 10%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = CPGND = 0 V, RSET = 5.1 kΩ, dBm referred to 50 Ω, TA = TMAX to TMIN,
unless otherwise noted. 1
Table 2.
Parameter
Limit2 (B Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLOCK setup time
t2
10
ns min
DATA to CLOCK hold time
t3
25
ns min
CLOCK high duration
t4
25
ns min
CLOCK low duration
t5
10
ns min
CLOCK to LE setup time
t6
20
ns min
LE pulse width
1 Guaranteed by design but not production tested.
2 Operating temperature range (B Version) is −40°C to +85°C.
CLOCK
DB22
DB2
DATA
LE
t1
LE
DB23 (MSB)
t2
DB1 (CONTROL
BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t3
t4
t6
t5
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com