Electronic Components Datasheet Search
  English  ▼

X  

ADF4107 Datasheet(PDF) 16 Page - Analog Devices

Part # ADF4107
Description  PLL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4107 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADF4107_15 Datasheet HTML 12Page - Analog Devices ADF4107_15 Datasheet HTML 13Page - Analog Devices ADF4107_15 Datasheet HTML 14Page - Analog Devices ADF4107_15 Datasheet HTML 15Page - Analog Devices ADF4107_15 Datasheet HTML 16Page - Analog Devices ADF4107_15 Datasheet HTML 17Page - Analog Devices ADF4107_15 Datasheet HTML 18Page - Analog Devices ADF4107_15 Datasheet HTML 19Page - Analog Devices ADF4107_15 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADF4107
Data Sheet
Rev. D | Page 16 of 20
FUNCTION LATCH
The on-chip function latch is programmed with C2 and C1 set
to 1 and 0, respectively. Figure 25 shows the input data format
for programming the function latch.
Counter Reset
DB2 (F1) is the counter reset bit. When this bit is 1, the R
counter and the AB counters are reset. For normal operation,
this bit should be 0. Upon powering up, the F1 bit needs to be
disabled (set to 0). Then, the N counter resumes counting in
close alignment with the R counter. (The maximum error is one
prescaler cycle).
Power-Down
DB3 (PD1) and DB21 (PD2) provide programmable power-
down modes. They are enabled by the CE pin.
When the CE pin is low, the device is immediately disabled
regardless of the states of PD2 and PD1.
In the programmed asynchronous power-down, the device
powers down immediately after latching a 1 into the PD1 bit,
with the condition that PD2 has been loaded with a 0.
In the programmed synchronous power-down, the device
power-down is gated by the charge pump to prevent unwanted
frequency jumps. Once the power-down is enabled by writing
a 1 into PD1 (on condition that a 1 has also been loaded to
PD2), then the device goes into power-down on the occurrence
of the next charge pump event.
When a power-down is activated (either in synchronous or
asynchronous mode, including CE pin-activated power-down),
the following events occur:
• All active dc current paths are removed.
• The R, N, and timeout counters are forced to their load state
conditions.
• The charge pump is forced into three-state mode.
• The digital lock detect circuitry is reset.
• The RFIN input is debiased.
• The reference input buffer circuitry is disabled.
• The input register remains active and capable of loading and
latching data.
MUXOUT Control
The on-chip multiplexer is controlled by M3, M2, and M1 on
the ADF4107. Figure 25 shows the truth table.
Fastlock Enable Bit
DB9 of the function latch is the fastlock enable bit. Fastlock is
enabled only when this bit is 1.
Fastlock Mode Bit
DB10 of the function latch is the fastlock mode bit. When
fastlock is enabled, this bit determines which fastlock mode is
used. If the fastlock mode bit is 0, then Fastlock Mode 1 is
selected; and if the fastlock mode bit is 1, then Fastlock Mode 2
is selected.
Fastlock Mode 1
The charge pump current is switched to the contents of Current
Setting 2. The device enters fastlock by having a 1 written to the
CP gain bit in the AB counter latch. The device exits fastlock by
having a 0 written to the CP gain bit in the AB counter latch.
Fastlock Mode 2
The charge pump current is switched to the contents of Current
Setting 2. The device enters fastlock by having a 1 written to the
CP gain bit in the AB counter latch. The device exits fastlock
under the control of the timer counter. After the timeout period
determined by the value in TC4 to TC1, the CP gain bit in the
AB counter latch is automatically reset to 0 and the device
reverts to normal mode instead of fastlock. See Figure 25 for the
timeout periods.
Timer Counter Control
The user has the option of programming two charge pump
currents. The intent is that Current Setting 1 is used when the RF
output is stable and the system is in a static state. Current Setting 2
is meant to be used when the system is dynamic and in a state of
change (that is, when a new output frequency is programmed).
The normal sequence of events is as follows:
The user initially decides what the preferred charge pump
currents are going to be. For example, the choice may be 2.5 mA
as Current Setting 1 and 5 mA as Current Setting 2.
At the same time, it must be decided how long the secondary
current is to stay active before reverting to the primary current.
This is controlled by the timer counter control bits, DB14 to
DB11 (TC4 to TC1), in the function latch. The truth table is
given in Figure 25.
To program a new output frequency, the user simply programs
the AB counter latch with new values for A and B. At the same
time, the CP gain bit can be set to 1, which sets the charge
pump with the value in CPI6 to CPI4 for a period of time
determined by TC4 to TC1. When this time is up, the charge
pump current reverts to the value set by CPI3 to CPI1. At the
same time, the CP gain bit in the AB counter latch is reset to 0
and is ready for the next time that the user wishes to change the
frequency.
Note that there is an enable feature on the timer counter. It is
enabled when Fastlock Mode 2 is chosen by setting the fastlock
mode bit (DB10) in the function latch to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com