Electronic Components Datasheet Search
  English  ▼

X  

HIP0045 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP0045
Description  1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0045 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP0045 Datasheet HTML 1Page - Intersil Corporation HIP0045 Datasheet HTML 2Page - Intersil Corporation HIP0045 Datasheet HTML 3Page - Intersil Corporation HIP0045 Datasheet HTML 4Page - Intersil Corporation HIP0045 Datasheet HTML 5Page - Intersil Corporation HIP0045 Datasheet HTML 6Page - Intersil Corporation HIP0045 Datasheet HTML 7Page - Intersil Corporation HIP0045 Datasheet HTML 8Page - Intersil Corporation HIP0045 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4-1
File Number
4047.2
HIP0045
1A/50V Octal Low Side Power Driver With
Serial Bus Control and Fault Protection
The HIP0045 is a logic controlled, eight channel Octal Serial
Power Low Side Driver. The serial peripheral interface (SPI)
utilized by the HIP0045 is a serial synchronous bus compatible
with Intersil CDP68HC05, or equivalent, microcomputers. As
shown in the Block Diagram for the HIP0045, each of the open
drain MOS Output Drivers have individual protection for over-
voltage and over-current. Each output channel has separate
output latch control with fault unlatch and diagnostic or status
feedback. Under normal ON conditions, each output driver is in
a low voltage, high current state of saturated turn-on.
Comparators in the diagnostic circuitry monitor the output
drivers to determine if an out of saturation condition exists. If a
fault is sensed, the respective output driver for Channels 0 - 5
have overcurrent latch-off. Channels 6 and 7 are configured for
lamp drivers and have current limiting with over-temperature
latch-off. Channels 0 and 1 have direct parallel drive control for
PWM applications and are ORed with the SPI Bus control. All
channels are SPI Bus controlled and sense the output states
for diagnostic feedback.
The HIP0045 is fabricated in a Power BiMOS IC process,
and is intended for use in automotive and other applications
having a wide range of temperature and electrical stress
conditions. It is particularly suited for driving relays,
solenoids and lamps in applications where low standby
power, high operating voltage, and high output current in
high ambient temperature conditions is required.
The HIP0045 is in a 20 lead plastic Power SOP (PSOP)
Package with an integral copper ‘slug’ to conduct heat directly
to a PCB interface or heat sink on the bottom of the package.
Driver Block Diagram
Features
• Octal NDMOS Output Drivers in a High Voltage Power
BiMOS Process
• Over-Stress Protection - Each Output:
- Over-Current Protection . . . . . . . . . . . . . . . . . . . 1A Min
- Over-Voltage Clamp Protection . . . . . . . . . . . . 50V Typ
- Thermal Shutdown Protection (2 Channels)
• Open-Load Detection
• Power BiMOS Output Configuration
- Current Latch-Off Protection for 6 Channels; 2 with
External Drive Input and ORed with SPI Bus Control
- 2 Channels Configured for Lamp Drivers with Current
Limiting and Over-Temperature Latch-Off
• High Speed CMOS Logic Control
- SPI Bus Controlled Interface
- Individual Output Latch
- Individual Fault Unlatch and Feedback
- Common Reset Line
• Low Quiescent Current . . . . . . . . . . . . . . . . . . . 5mA Max
• Ambient Operating Temp. Range . . . . . . . -40oC to 125oC
Applications
• Automotive and Industrial Systems
• Solenoids, Relays and Lamp Drivers
• Logic and
µP Controlled Drivers
• Robotic Controls
Pinout
HIP0045 (PSOP WITH HEAT SLUG)
TOP VIEW
Ordering Information
PART NO.
TEMP. RANGE (oC)
PACKAGE
PKG. NO.
HIP0045AB
-40 to 125
20 Ld PSOP
M20.433
OUT
DRIVER
VCC
OC
FAULT/STATUS
REF
VREF
OVER-TEMP.
DET. (CH. 6, 7)
SPI AND
DIRECT
INPUT
CONTROL
WITH
FAULT/
STATUS
RESET
OUTPUT
OC LATCH
(CH. 0-5)
ISK
OC LIMIT
(CH. 6, 7)
-
+
-
+
INTEGRAL COPPER
HEAT SINK ‘SLUG’
FOR PCB CONTACT
OR EXT. HEAT SINK
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
IN0
MISO
OUT0
OUT2
OUT4
OUT6
MOSI
SCK
GND
GND
CE
RESET
OUT7
OUT5
OUT3
OUT1
VCC
IN1
GND
Data Sheet
April 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP0045

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0045AB RENESAS-HIP0045AB Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
More results

Similar Description - HIP0045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9823 STMICROELECTRONICS-L9823 Datasheet
168Kb / 12P
Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
Apr-2003
logo
Intersil Corporation
CA3282 INTERSIL-CA3282 Datasheet
65Kb / 10P
Octal Low Side Power Driver with Serial Bus Control
June 1998
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
1996 12
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
1996 06
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
October 1995
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com