Electronic Components Datasheet Search
  English  ▼

X  

HIP0045 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP0045
Description  1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0045 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP0045 Datasheet HTML 1Page - Intersil Corporation HIP0045 Datasheet HTML 2Page - Intersil Corporation HIP0045 Datasheet HTML 3Page - Intersil Corporation HIP0045 Datasheet HTML 4Page - Intersil Corporation HIP0045 Datasheet HTML 5Page - Intersil Corporation HIP0045 Datasheet HTML 6Page - Intersil Corporation HIP0045 Datasheet HTML 7Page - Intersil Corporation HIP0045 Datasheet HTML 8Page - Intersil Corporation HIP0045 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-3
Absolute Maximum Ratings
Thermal Information
Maximum Output Voltage, VOUT . . . . . . . . . . . . . . . . . . .-0.7 to VOC
Peak Output Load Current, ILOAD . . . . . As Specified for ISC, ILIM
Continuous Output Load Current, IOUT (All 8 Outputs ON) . . . . 0.5A
Continuous Output Load Current, IOUT (Any one Output ON) . . 1A
Total Average Current, IOUT (All 8 Outputs) . . . . . . . . . . . . . . . 4.5A
Reverse Peak Current Drive, Any one Output, IRD; t ≤ 2ms . . . -3A
DC Logic Supply, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 7V
Input Voltage, All Inputs and Data Lines . . . . . . . -0.3 to VCC +0.3V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC
Logic Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
Thermal Resistance (Typical, Note 6)
θJA (oC/W) θJC (oC/W)
PSOP Package . . . . . . . . . . . . . . . . . .
40
2
Maximum Junction Temperature, TJ . . . . . . . . . . . . . . . . . . . .150
oC
Maximum Storage Temperature Range, TSTG . . . . -55
oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .265oC
Die Characteristics
Back Side Potential . . . . . . . . . . . . . . . . . . .V- (GND Pin, Heat Sink)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
6.
θJA Rated with standard PC Board, θJC rated with infinite heat sink.
Electrical Specifications
VCC = 4.5V to 5.5V, TA = -40
oC to 125oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Standby Current, No Load
ICCO
No Load
-
-
5
mA
Supply Current, Full Load
ICC
All Outputs ON, 0.5A Load Per Output
-
-
5
mA
Output Clamping Voltage (Note 7)
VOC
ILOAD = 0.5A, Output Programmed OFF
45
-
62
V
Output Clamping Energy
EOC
1ms Single Pulse Width, TA = 25
oC,
(Refer to Figure 4 for SOA)
20
45
-
mJ
Output Leakage Current 1 (Note 8)
IO LEAK1 VOUT = 25V, Outputs OFF
-
-
100
µA
Output Leakage Current 2 (Note 8)
IO LEAK2 VOUT = 16V, Outputs OFF
-
-
100
µA
Output Leakage Current 3 (Note 8)
IO LEAK3 VOUT = 16V, Outputs OFF, VCC = 1V
-
-
10
µA
Drain-to-Source On Resistance, OUT0 - 7
rDSON
ILOAD = 0.5A; TJ = 150
oC
-
-
1.5
Ω
Output Capacitance
COUT
VOUT = 16V, f = 1MHz
-
-
20
pF
Turn-On Delay, OUT0, 1
td(ON)
RL = 500Ω, VCE = 50% to VOUT = 0.9 x VBATT,
VIN0,1 = 50% to VOUT = 0.9 x VBATT,
VBATT = 16V
--
5
µs
Turn-On Delay, OUT2 - 7
td(ON)
RL = 500Ω, VCE = 50% to VOUT = 0.9 x VBATT,
VBATT = 16V
--
10
µs
Turn-Off Delay
td(OFF)
RL = 500Ω, VCE = 50% to VOUT = 0.1 x VBATT,
VIN0,1 = 50% to VOUT = 0.9 x VBATT,
VBATT = 16V
--
10
µs
Turn-On Voltage Slew-Rate, OUT2 - 7
For VOUT = 90% to 30% of VBATT; VBATT = 16V,
RL = 500Ω
-
0.7
3.5
V/
µs
Turn-On Voltage Slew-Rate, OUT0, 1
For VOUT = 90% to 30% of VBATT; VBATT = 16V,
RL = 500Ω
-
2
10
V/
µs
Turn-Off Voltage Slew-Rate, OUT0 - 7
For VOUT = 30% to 90% of VBATT; VBATT = 16V,
RL = 500Ω
-
2
10
V/
µs
Turn-Off Voltage Slew-Rate, OUT0 - 7
For VOUT = 30% to 80% of VOC;
VBATT = 0.9 x VOC, RL = 500Ω
-
2
15
V/
µs
FAULT PARAMETERS
Reverse Current Drive, OUT0 - 7
IRD
-500
-
-
mA
Reverse Voltage Drop, OUT0 - 7
VRD
IOUT = -3A, t ≤2ms
-1.5
-
-
V
∆ICC during Reverse Current Drive
∆ICC
IOUT = -3A, t ≤2ms
-
-
100
mA
dV
ON1
dt
-------------------
dV
ON2
dt
-------------------
dV
OFF1
dt
----------------------
dV
OFF2
dt
----------------------
HIP0045



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com