Electronic Components Datasheet Search
  English  ▼

X  

HIP0050 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP0050
Description  0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0050 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP0050 Datasheet HTML 1Page - Intersil Corporation HIP0050 Datasheet HTML 2Page - Intersil Corporation HIP0050 Datasheet HTML 3Page - Intersil Corporation HIP0050 Datasheet HTML 4Page - Intersil Corporation HIP0050 Datasheet HTML 5Page - Intersil Corporation HIP0050 Datasheet HTML 6Page - Intersil Corporation HIP0050 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HIP0050
0.3A/50V Octal Low Side Power Driver with
Serial Bus Control and Over-Current Fault Flag
Description
The HIP0050 is a logic controlled, eight channel Octal Low Side
Power Driver. As shown in the block diagram, the outputs are con-
trolled via the serial data interface which allows the data to be
shifted out, allowing control of other cascaded serial devices. If an
Over-Current (OC) short circuit exists in one output, it may be inde-
pendently shutdown while the other outputs remain in operation.
When a shorted output is latched off, it may be turned back on
when the next serial input data is latched. A fault flag (FLT) is set to
a low status to indicate current-limited shutdown. The outputs are
independently latched off when an OC fault is detected. The fault
latch is cleared on the next data strobe. Over-Temperature (OT)
shutdown is provided with hysteresis to force global shutdown of
all output drivers. Shutdown is maintained until the on-chip temper-
ature falls below the minimum hysteresis threshold point.
The HIP0050 is fabricated in a Power BiMOS IC process, and is
intended for use in automotive and other applications having a
wide range of temperature and electrical stress conditions. It is
particularly suited for driving lamps, displays, relays, and solenoids in
applications where low operating power, high breakdown voltage,
and high output current at high temperature is required. Higher
current needs can be met by paralleling adjacent output drivers
.
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HIP050IP
-40 to 85
20 Ld PDIP
E20.3
HIP0050IB
-40 to 85
24 Ld SOIC
M24.3
Features
• Octal NDMOS Output Drivers in a High Voltage
Power BiMOS Process
- Each Capable of Sinking 300mA
- Low Idle and Standby Current
• Over-Stress Protection - Each Output:
- Over-Current Latch Off . . . . . . . . . 300mA Min
- Over-Voltage Clamp . . . . . . . . . . . . . . . 50V Typ
• Thermal Shutdown with Hysteresis
• Serial Data Input, Parallel Output Power Drive
• Short Circuit Latch Off for Each Output
• Common Enable for Output Drivers and
Data Storage Register
• Ambient Operating
Temperature Range. . . . . . . . . . . . .-40oC to 85oC
- Optional 125oC Maximum Ambient Operating
Temperature Range (Dissipation Limited)
Applications
• Automotive and Industrial Systems
• Solenoids, Relays and Lamp Drivers
• Logic and
µP Controlled Drivers
• Robotic Controls
December 1996
File Number
4034.1
Pinouts
HIP0050
(PDIP)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DR2
DR3
FLT
EN
GND
GND
SCK
STR
DR4
DR5
DR1
SI
VCC
GND
DR0
GND
LGND
SO
DR7
DR6
HIP0050
(SOIC)
TOP VIEW
DR2
DR3
FLT
EN
GND
GND
GND
GND
STR
SCK
DR4
DR5
DR1
SI
VCC
GND
GND
GND
SO
DR7
DR6
DR0
GND
LGND
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13


Similar Part No. - HIP0050

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
HIP0050IB RENESAS-HIP0050IB Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
More results

Similar Description - HIP0050

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3282 INTERSIL-CA3282 Datasheet
65Kb / 10P
Octal Low Side Power Driver with Serial Bus Control
June 1998
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
1999 04
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
1996 06
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
1997 07
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
October 1995
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com