Electronic Components Datasheet Search
  English  ▼

X  

HIP0050 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP0050
Description  0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP0050 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP0050 Datasheet HTML 1Page - Intersil Corporation HIP0050 Datasheet HTML 2Page - Intersil Corporation HIP0050 Datasheet HTML 3Page - Intersil Corporation HIP0050 Datasheet HTML 4Page - Intersil Corporation HIP0050 Datasheet HTML 5Page - Intersil Corporation HIP0050 Datasheet HTML 6Page - Intersil Corporation HIP0050 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
HIP0050
Absolute Maximum Ratings
Thermal Information
Output Voltage, VOUT (Note 1) . . . . . . . . . . . . . . . . . . . -0.3V to VOC
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC +0.3V
Logic Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
Max Output Load Current, ILOAD (Per Output, Note 2) . . . . . . . . . ICL
Max. Output Load Current, ILOAD (All Outputs ON, Note 2) . . . . . 2A
Operating Ambient Temperature Range, TA . . . . . . . . -40
oC to 85oC
Operating Junction Temperature Range. . . . . . . . . . -40oC to 150oC
Storage Temperature Range, TSTG . . . . . . . . . . . . . -55
oC to 150oC
Maximum Lead Temperature (Soldering 10s Max). . . . . . . . . 300oC
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Typical Logic Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . +5V
ICC Supply Current, with 200mA each Output . . . . . . . . . . . . 2mA
ICC Supply Current, with No Load . . . . . . . . . . . . . . . . . . . . . 2mA
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0V
Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5V
Power Output Driver Voltage Range . . . . . . . . . . . . . . . . . 0 to VOC
Power Output Driver Current Load, IDR. . . . . . . . . . . . . . . . 0 to ICL
Typical Output rDSON Channel Resistance . . . . . . . . . . . . . . . . 2Ω
Typical Output Rise Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
µs
Typical Output Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
µs
Electrical Specifications
VCC = 4.5V to 5.5V, VBATT = 8V to 16V, TA = -40
oC to 85oC; Unless Otherwise Specified
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUTS DRIVERS (DR0 TO DR7)
Output Channel Resistance
rDSON
Output Current = 200mA, TA =85
oC
-
2
4.0
Ω
Output Over-Current Shutdown
Threshold
ICL
300
-
500
mA
Output Clamping Voltage
VOC
Outputs OFF
42
50
58
V
Output Clamping Energy
EOC
1ms Single Pulse Width, TA = 25
oC,
(Refer to Figure 2 for SOA).
-25-
mJ
Output OFF Leakage Current
IOFF
Output Voltage = 40V, TA =85
oC-
-
10
µA
Output Rise Time
tRISE
Load = 75
Ω, 0.01µF (Parallel)
0.5
4
30
µs
Output Fall Time
tFALL
Load = 75
Ω, 0.01µF (Parallel)
0.5
10
30
µs
Output Delay from Strobe, High
to Low Output Transition
tDHL
14
10
µs
Output Delay from Strobe, Low to
High Output Transition
tDLH
0.2
2.6
10
µs
LOGIC SUPPLY
Logic Supply Current, Loaded
ICC
All Outputs ON, 0.2A Load Per Output
-
2
4
mA
Logic Supply Current, No Load
ICC
All Outputs OFF
-
2
4
mA
Logic Supply Under-Voltage
Reset Threshold
All Outputs OFF
3.5
-
4
V
LOGIC INPUTS (EN, SI, SCK, STR)
Threshold Voltage at Falling
Edge
VT-VCC = 5V ±10%
0.2VCC
0.3VCC
-V
Threshold Voltage at Rising
Edge
VT+VCC = 5V ±10%
-
0.6VCC
0.7VCC
V
Hysteresis Voltage
VH
VT+ - VT-
0.85
1.4
2.25
V
Leakage Current
ILIN
-10
-
10
µA
SERIAL DATA CLOCK (SCK) (Refer to Figure 1 for Waveform Detail)
Frequency
fSCK
-
-
1.6
MHz
Pulse Width High
tW(SCKH)
-
27
175
ns
Package
θ
JC (
oC/W)†
θ
JA (
oC/W)††
02
PDIP . . . . . . . . . . . . .
10
50
35
SOIC . . . . . . . . . . . . .
10
60
40
†
Versus Additional Square Inches 1oz. copper on PCB.
†† Standard Test Board, 0.002 diameter T/C located at lead
shoulder, middle lead.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com