Electronic Components Datasheet Search
  English  ▼

X  

UPC2715T Datasheet(PDF) 8 Page - NEC

Part # UPC2715T
Description  1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2715T Datasheet(HTML) 8 Page - NEC

Back Button UPC2715T Datasheet HTML 4Page - NEC UPC2715T Datasheet HTML 5Page - NEC UPC2715T Datasheet HTML 6Page - NEC UPC2715T Datasheet HTML 7Page - NEC UPC2715T Datasheet HTML 8Page - NEC UPC2715T Datasheet HTML 9Page - NEC UPC2715T Datasheet HTML 10Page - NEC UPC2715T Datasheet HTML 11Page - NEC UPC2715T Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
PPPPPC2715T
NOTE ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as wide as possible to prevent an increase in ground impedance (which can cause
abnormal oscillation).
(3) Keep the track length of the ground pins as short as possible.
(4) Connect a bypass capacitor (having, for example, a capacitance of 1 000 pF) to the VCC pin.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions.
Other soldering methods and
conditions than the recommended conditions are to be consulted with our sales representatives.
PPC2715T
Soldering method
Soldering conditions
Recommended condition
symbols
Infrared ray reflow
Package peak temperature: 235 °C,
Hour: within 30 s. (more than 210 °C),
Time: 3 times, Limited days; no.*
IR35-00-3
VPS
Package peak temperature: 215 °C,
Hour: within 40 s. (more than 200 °C),
Time: 3 times, Limited days: no.*
VP15-00-3
Wave soldering
Soldering tub temperature: less than 260 °C,
Hour: within 10 s.
Time: 1 time, Limited days: no.*
WS60-00-1
Pin part heating
Pin area temperature: less than 300 °C,
Hour: within 3 s.
Limited days: no.*
*: It is the storage days after opening a dry pack, the storage conditions are 25 °C, less than 65 % RH.
Note 1. The combined use of soldering method is to be avoided (However, except the pin area heating method).
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com