Electronic Components Datasheet Search
  English  ▼

X  

UPC2715T Datasheet(PDF) 2 Page - NEC

Part # UPC2715T
Description  1.2 GHz LOW POWER CONSUMPTION WIDE BAND AMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2715T Datasheet(HTML) 2 Page - NEC

  UPC2715T Datasheet HTML 1Page - NEC UPC2715T Datasheet HTML 2Page - NEC UPC2715T Datasheet HTML 3Page - NEC UPC2715T Datasheet HTML 4Page - NEC UPC2715T Datasheet HTML 5Page - NEC UPC2715T Datasheet HTML 6Page - NEC UPC2715T Datasheet HTML 7Page - NEC UPC2715T Datasheet HTML 8Page - NEC UPC2715T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PPPPPC2715T
ABSOLUTE MAXIMUM RATINGS (TA = +25 °C)
Supply Voltage
VCC
4.1
V
Total Circuit Current
ICC
7.5
mA
Power Dissipation
PD
280*
mW
Operating Temperature
Topt
ð40 to +85
°C
Storage Temperature
Tstg
ð55 to +150
°C
Input Power
Pin
0
dBm
* Mounted on 50
u 50 u 1.6 mm epoxy glass PWD (TA = +85 °C)
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
3.06
3.4
3.74
V
ELECTRICAL CHARACTERISTICS (TA = +25 °C, VCC = 3.4 V, ZS = ZL = 50
:
:
:
:)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Circuit Current
ICC
3.3
4.5
5.7
mA
No Signal
Power Gain
GP
16
19
23
dB
f = 0.5 GHz
Maximum Output Level
PO(sat)
ð9
ð6
dBm
f = 0.5 GHz, Pin =
ð10 dBm
Noise Figure
NF
4.5
6.0
dB
f = 0.5 GHz
Upper Limit Operating Frequency
fU
0.9
1.2
GHz
3 dB down below flat gain
f = 0.1 GHz
Isolation
ISL
28
33
dB
f = 0.5 GHz
Input Return Loss
RLin
12
17
dB
f = 0.5 GHz
Output Return Loss
RLout
5
8
dB
f = 0.5 GHz
Gain Flatness
'GP
±1.0
dB
f = 0.1 to 0.6 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com