Electronic Components Datasheet Search
  English  ▼

X  

HIP1011 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP1011
Description  PCI Hot Plug Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1011 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP1011 Datasheet HTML 1Page - Intersil Corporation HIP1011 Datasheet HTML 2Page - Intersil Corporation HIP1011 Datasheet HTML 3Page - Intersil Corporation HIP1011 Datasheet HTML 4Page - Intersil Corporation HIP1011 Datasheet HTML 5Page - Intersil Corporation HIP1011 Datasheet HTML 6Page - Intersil Corporation HIP1011 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2-1
HIP1011
PCI Hot Plug Controller
The HIP1011 is the PCI Hot Plug voltage bus control IC for
use in modern computer systems that facilitates hot plugging
of adapter cards into and out of an active or passive back
plane. Along with discrete power MOSFETs and a few
passive components, the HIP1011 creates a small and simple
yet complete power control solution. Four independent
supplies are controlled, +5V, +3.3, +12V, and -12V. The +12V
and -12V switches are integrated. For the +5V and +3.3V
supplies, overcurrent protection is provided by sensing the
voltage across external current-sense resistors. For the +12V
and -12V supplies, overcurrent protection is provided
internally. In addition, an on-chip reference is used to monitor
the +5V, +3.3V and +12V outputs for undervoltage conditions.
The PWRON input controls the state of the switches. During
an overcurrent condition on any output, or an undervoltage
condition on the +5V, +3.3V or +12V outputs, all MOSFETs
are immediately latched-off and a LOW (0V) is asserted on
the FLTN output. The FLTN latch is cleared when the PWRON
input is toggled low again. During initial power-up of the main
VCC supply (+12V), the PWRON input is inhibited from
turning on the switches, and the latch is held in the Reset
state until the VCC input is greater than 10V.
User programmability of the overcurrent threshold and turn-on
slew rate is provided. A resistor connected to the OCSET pin
programs the overcurrent threshold. Capacitors connected to
the gate pins set the turn-on rate. Also, a capacitor may be
added to the FLTN pin to provide noise immunity.
Features
• Controls Distribution of Four Supplies: +5V, +3.3V, +12V,
and -12V
• Internal MOSFET Switches for +12V and -12V Outputs
• Microprocessor Interface for On/Off Control and Fault
Reporting
• Adjustable Overcurrent Protection for All Supplies
• Provides Fault Isolation
• Adjustable Turn-On Slew Rate
• Minimum Parts Count Solution
• No Charge Pump
Applications
• PCI Hot Plug
• CompactPCI
Pinout
HIP1011
(SOIC)
TOP VIEW
Typical Application
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP1011CB
0 to 70
16 Ld SOIC
M16.15
HIP1011CB-T
0 to 70
Tape and Reel
9
10
11
12
13
14
16
15
8
7
6
5
4
3
2
1
M12VIN
FLTN
3V5VG
VCC
12VIN
3VISEN
OCSET
3VS
M12VO
12VG
GND
12VO
M12VG
5VISEN
5VS
PWRON
12V,
M12VIN
FLTN
3V5VG
VCC
12VIN
3VISEN
3VS
OCSET
M12VO
12VG
GND
12VO
5VISEN
5VS
PWRON
M12VG
HIP1011
3.3V,
12V INPUT
5V,
-12V,
5V INPUT
-12V INPUT
POWER CONTROL INPUT
0.033
µF
0.033
µF
6.04k
Ω
FAULT OUTPUT (ACTIVE LOW)
(OPTIONAL)
5m
Ω, 1%
0.033
µF
NOTE:
1. All capacitors are
±10%.
1%
3.3V INPUT
5m
Ω, 1%
7.6A OUT
0.5A OUT
0.1A OUT
5A OUT
HUF761315K8
Data Sheet
August 1999
File Number
4311.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP1011

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
215Kb / 8P
PCI Hot Plug Controller
March 2004
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
PCI Hot Plug Controller
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1011A INTERSIL-HIP1011A Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
PCI Hot Plug Controller
More results

Similar Description - HIP1011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
PCI HOT PLUG CONTROLLER
HPC3130A TI-HPC3130A Datasheet
537Kb / 41P
PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
HIP1011B INTERSIL-HIP1011B Datasheet
93Kb / 9P
PCI Hot Plug Controller
March 2000
HIP1011 INTERSIL-HIP1011_04 Datasheet
215Kb / 8P
PCI Hot Plug Controller
March 2004
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
HIP1011B INTERSIL-HIP1011B_04 Datasheet
237Kb / 9P
PCI Hot Plug Controller
November 18, 2004
logo
Renesas Technology Corp
HIP1011 RENESAS-HIP1011 Datasheet
408Kb / 8P
PCI Hot Plug Controller
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
PCI Hot Plug Controller
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
PCI Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com