Electronic Components Datasheet Search
  English  ▼

X  

HIP1011 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP1011
Description  PCI Hot Plug Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1011 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP1011 Datasheet HTML 1Page - Intersil Corporation HIP1011 Datasheet HTML 2Page - Intersil Corporation HIP1011 Datasheet HTML 3Page - Intersil Corporation HIP1011 Datasheet HTML 4Page - Intersil Corporation HIP1011 Datasheet HTML 5Page - Intersil Corporation HIP1011 Datasheet HTML 6Page - Intersil Corporation HIP1011 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2-2
Simplified Schematic
FLTN
5VS
3V5VG
5VISEN
3VS
OCSET
3VISEN
12VIN
12VG
12VO
M12VIN
M12VG
M12VO
PWRON
GND
12VIN
POWER-ON
RESET
VCC
M12VIN
VCC
VCC
100
µA
0.3
Ω
0.7
Ω
FAULT LATCH
VOCSET
5V ZENER
REFERENCE
VCC
5VREF
5VREF
VOCSET/17
VOCSET/0.8
4.6V
INHIBIT
VCC
SET (LOW = FAULT)
RESET
VCC
LOW = FAULT
LOW WHEN VCC < 10V
HIGH = SWITCHES ON
HIGH =
FAULT
COMP
-
+
COMP
-
+
VOCSET/13.3
COMP
+
2.9V
INHIBIT
COMP
+
-
10.8V
INHIBIT
COMP
+
-
COMP
-
+
VCC
VCC
VOCSET/3.3
COMP
-
+
-
HIP1011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com