Electronic Components Datasheet Search
  English  ▼

X  

HIP1015 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP1015
Description  Power Distribution Controllers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1015 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP1015 Datasheet HTML 1Page - Intersil Corporation HIP1015 Datasheet HTML 2Page - Intersil Corporation HIP1015 Datasheet HTML 3Page - Intersil Corporation HIP1015 Datasheet HTML 4Page - Intersil Corporation HIP1015 Datasheet HTML 5Page - Intersil Corporation HIP1015 Datasheet HTML 6Page - Intersil Corporation HIP1015 Datasheet HTML 7Page - Intersil Corporation HIP1015 Datasheet HTML 8Page - Intersil Corporation HIP1015 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
TM
File Number
4778.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000
HIP1015, HIP1016
Power Distribution Controllers
The HIP1015 and HIP1016 are hot swap power controllers.
The HIP1015 is targeted for a +12V bus whereas the
HIP1016 is targeted for +5V applications. Each has an
undervoltage (UV) monitoring and reporting with a threshold
level ~17% lower than the nominal +12V and +5V.
The HIP1015 has an integrated charge pump allowing
control of up to a +12V bus using an external N-channel
MOSFET. The HIP1016 can also be used to control much
higher positive or negative voltages in a low side controller
configuration. Both the HIP1015 and HIP1016 feature
programmable Overcurrent (OC) detection, current limiting
regulation with time delay to latch off and soft start.
Features
• HOT SWAP Single Power Distribution Control (HIP1015
for 12V, HIP1016 for 5V and Low Side Switch)
• Undervoltage Monitoring and Notification
• Overcurrent Fault Isolation
• Programmable Current Regulation Level
• Programmable Current Limit Time to Latch-Off
• Rail to Rail Common Mode Input Voltage Range
(HIP1015)
• Internal Charge Pump Allows the use of N-channel
MOSFET (HIP1015)
• Undervoltage and Overcurrent Latch Indicators
• Adjustable Turn-On Ramp
• Protection During Turn On
• Two Levels of Overcurrent Detection Provide Fast
Response to Varying Fault Conditions
• Less Than 1
µs Response Time to Dead Short
Applications
• Power Distribution Control
• Hot Plug Components and Circuitry
• High Side Low Voltage (< +15V) Switching
• Low Side High Voltage (> +15V, Negative V) Switch
Pinout
HIP1015, HIP1016 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP1015CB
0 to 85
8 Lead SOIC
M8.15
HIP1015CB-T
0 to 85
8 Lead SOIC
Tape and Reel
M8.15
HIP1016CB
0 to 85
8 Lead SOIC
M8.15
HIP1016CB-T
0 to 85
8 Lead SOIC
Tape and Reel
M8.15
ISET
ISEN
GATE
VSS
1
2
3
4
8
7
6
5
PWRON
PGOOD
CTIM
VDD
Application One - High Side Controller
Application Two - Low Side Controller
+12V
-
+
PWRON
LOAD
PGOOD
OC
1
2
3
4
8
7
6
5
HIP1015
LOAD
12V REG
+VBUS
OC
HIP1016
PWRON
Data Sheet
May 2000


Similar Part No. - HIP1015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015 Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
logo
Renesas Technology Corp
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
Power Distribution Controllers
March 2003
logo
Intersil Corporation
HIP1015CB INTERSIL-HIP1015CB Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
logo
Renesas Technology Corp
HIP1015CB RENESAS-HIP1015CB Datasheet
586Kb / 9P
Power Distribution Controllers
March 2003
logo
Intersil Corporation
HIP1015CB-T INTERSIL-HIP1015CB-T Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
More results

Similar Description - HIP1015

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1015 INTERSIL-HIP1015_03 Datasheet
190Kb / 9P
Power Distribution Controllers
March 2003
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
Power Distribution Controllers
February 6, 2007
ISL6115A INTERSIL-ISL6115A Datasheet
220Kb / 10P
12V Power Distribution Controllers
February 25, 2009
ISL6115 INTERSIL-ISL6115 Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115CBZA-T INTERSIL-ISL6115CBZA-T Datasheet
321Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
Power Distribution Controllers
April 29, 2010
ISL6115AIBZ INTERSIL-ISL6115AIBZ Datasheet
336Kb / 10P
12V Power Distribution Controllers
April 23, 2010
ISL6115CB INTERSIL-ISL6115CB Datasheet
319Kb / 13P
Power Distribution Controllers
April 29, 2010
logo
Renesas Technology Corp
ISL6115 RENESAS-ISL6115 Datasheet
716Kb / 14P
Power Distribution Controllers
HIP1015 RENESAS-HIP1015 Datasheet
586Kb / 9P
Power Distribution Controllers
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com