Electronic Components Datasheet Search
  English  ▼

X  

HIP1020 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP1020
Description  Single, Double or Triple-Output Hot Plug Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1020 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP1020 Datasheet HTML 1Page - Intersil Corporation HIP1020 Datasheet HTML 2Page - Intersil Corporation HIP1020 Datasheet HTML 3Page - Intersil Corporation HIP1020 Datasheet HTML 4Page - Intersil Corporation HIP1020 Datasheet HTML 5Page - Intersil Corporation HIP1020 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2-1
HIP1020
Single, Double or Triple-Output Hot Plug
Controller
The HIP1020 applies a linear voltage ramp to the gates of
any combination of 3.3V, 5V, and 12V MOSFETs. The
internal charge pump doubles a 12V bias or triples a 5V bias
to deliver the high-side drive capability required when using
more cost-effective N-Channel MOSFETs. The 5V/ms ramp
rate is controlled internally and is the proper value to turn on
most devices within the Device-Bay-specified di/dt limit. If a
slower rate is required, the internally-determined ramp rate
can be over ridden using an optional external capacitor.
When VCC = 12V, the charge pump ramps the voltage on
HGATE from zero to 22V in about 4ms. This allows either a
standard or a logic-level MOSFET to become fully enhanced
when used as a high-side switch for 12V power control. The
voltage on LGATE ramps from zero to 16V allowing the
simultaneous control of 3.3V and/or 5V MOSFETs.
When VCC = 5V, the charge pump enters voltage-tripler
mode. The voltage on HGATE ramps from zero to 12.5V in
about 3ms while LGATE ramps to 12.0V. This mode is ideal
for control of high-side MOSFET switches used in 3.3V and
5V power switching when 12V bias is not available.
Features
• Rise Time Controlled to Device-Bay Specifications
• No Additional Components Required
• Internal Charge Pump Drives N-Channel MOSFETs
• Drives any Combination of One, Two or Three Outputs
• Internally-Controlled Turn-On Ramp
- Optional Capacitor Selects Slower Rates
• Prevents False Turn on During Hot Insertion
• Operates using 12V or 5V Bias
• Improves Device Bay Peripheral Size Cost and Complexity
- Minimal Component Count
- Tiny 5-Pin SOT23 Package
• Controls Standard and Logic-Level MOSFETs
• Compatible with TTL and 3.3V Logic Devices
• Shutdown Current . . . . . . . . . . . . . . . . . . . . . . . . . . < 1
µA
• Operating Current. . . . . . . . . . . . . . . . . . . . . . . . . . < 3mA
Applications
• Device Bay Peripherals
• Hot Plug Control
• Power Distribution Control
Pinout
HIP1020 (SOT23)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP1020CK-T
0 to 70
5 Ld SOT23 Tape
and Reel
P5.064
4
5
3
2
1
VCC
GND
LGATE
EN
HGATE
Typical Applications
FIGURE 1A. DEVICE-BAY HOT PLUG CONTROLLER WITH
VCC = 12V
FIGURE 1B. DEVICE-BAY HOT PLUG CONTROLLER WITH
VCC = 5V
1
2
34
5
C1
CHARGE
PUMP
HIP1020
ENABLE
OPTIONAL
V12,OUT
V5,OUT
V33,OUT
V33
V5
V12
1
2
34
5
C1
CHARGE
PUMP
HIP1020
ENABLE
OPTIONAL
V5,OUT
V33,OUT
V33
V5
Data Sheet
August 1999
File Number
4601.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP1020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP1020 INTERSIL-HIP1020 Datasheet
301Kb / 6P
Single, Double or Triple-Output Hot짰lug Controller
July 2004
logo
Renesas Technology Corp
HIP1020 RENESAS-HIP1020 Datasheet
372Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
logo
Intersil Corporation
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
301Kb / 6P
Single, Double or Triple-Output Hot짰lug Controller
July 2004
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
306Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
logo
Renesas Technology Corp
HIP1020CK-T RENESAS-HIP1020CK-T Datasheet
372Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
More results

Similar Description - HIP1020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPC3130 TI-HPC3130 Datasheet
555Kb / 40P
PCI HOT PLUG CONTROLLER
logo
Intersil Corporation
HIP1011 INTERSIL-HIP1011 Datasheet
61Kb / 7P
PCI Hot Plug Controller
August 1999
HIP1011A INTERSIL-HIP1011A Datasheet
120Kb / 11P
PCI Hot Plug Controller
March 2000
logo
Maxim Integrated Produc...
MAX5954 MAXIM-MAX5954 Datasheet
1Mb / 22P
Single PCI Express, Hot-Plug Controller
Rev 1; 1/06
logo
Intersil Corporation
HIP1020 INTERSIL-HIP1020_04 Datasheet
301Kb / 6P
Single, Double or Triple-Output Hot짰lug Controller
July 2004
HIP1011A INTERSIL-HIP1011A_04 Datasheet
648Kb / 11P
PCI Hot Plug Controller
November 16, 2004
HIP1020CK-T INTERSIL-HIP1020CK-T Datasheet
306Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
logo
Renesas Technology Corp
HIP1011A RENESAS-HIP1011A Datasheet
596Kb / 11P
PCI Hot Plug Controller
HIP1011B RENESAS-HIP1011B Datasheet
479Kb / 9P
PCI Hot Plug Controller
HIP1020 RENESAS-HIP1020 Datasheet
372Kb / 6P
Single, Double or Triple-Output Hot Plug Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com