Electronic Components Datasheet Search
  English  ▼

X  

HIP1020 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP1020
Description  Single, Double or Triple-Output Hot Plug Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP1020 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP1020 Datasheet HTML 1Page - Intersil Corporation HIP1020 Datasheet HTML 2Page - Intersil Corporation HIP1020 Datasheet HTML 3Page - Intersil Corporation HIP1020 Datasheet HTML 4Page - Intersil Corporation HIP1020 Datasheet HTML 5Page - Intersil Corporation HIP1020 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-2
Pin Descriptions
PIN
SYMBOL
FUNCTION
DESCRIPTION
1
VCC
Bias Supply
Connect this pin to either a 12V or a 5V source. The HIP1020 detects the bias-voltage level at
pin 1 and decides whether to operate as a voltage-doubler or a voltage-tripler. Consequently,
it is not recommended to operate with bias voltages between 5V (
±10%) and 12V (±10%). In
the absence of an enable signal at pin 5, the current into pin 1 is less than 1
µA. It is necessary
for voltage to be present at pin 1 prior to applying an enable signal at pin 5.
2
GND
Ground
Connect to the negative rail of the supply that is connected to pin 1.
3
LGATE
Gate Driver for the 5V
and/or 3.3V
MOSFET(s)
When VCC = 12V, connect this pin to the gate(s) of the 5V and/or 3.3V MOSFETs. When VCC
= 5V, connect this pin to the gate of a 3.3V MOSFET. Upon a rising edge on EN (pin 5), the
voltage on this pin will ramp linearly to ~16V when VCC = 12V and ~12V when VCC = 5V. An
internal dv/dt activated clamp shunts coupled noise to ground preventing unintended turn on at
either output. The internal dv/dt-activated clamp also protects pin 5.
4
HGATE
12V or 5V MOSFET
Gate Driver
When VCC = 12V, connect this pin to the gate of the 12V MOSFET. When VCC = 5V, connect
this pin to the gate of the 5V MOSFET. Upon a rising edge on EN (pin 5), the voltage on this
pin will ramp linearly to ~22V when VCC = 12V and ~13V when VCC = 5V.
5
EN
Enable
Connect a TTL or 3.3V logic signal to this pin to control the outputs at pins 3 and 4. A rising
edge on pin 5 initiates the linear voltage ramps at pins 3 and 4. Be sure that the device driving
EN does not enter a high-impedance state when enabling is not desired and that it’s maximum
rise time does not exceed 100
µs.
HIP1020



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com