Electronic Components Datasheet Search
  English  ▼

X  

ADG439F Datasheet(PDF) 9 Page - Analog Devices

Part # ADG439F
Description  High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG439F Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG439F Datasheet HTML 5Page - Analog Devices ADG439F Datasheet HTML 6Page - Analog Devices ADG439F Datasheet HTML 7Page - Analog Devices ADG439F Datasheet HTML 8Page - Analog Devices ADG439F Datasheet HTML 9Page - Analog Devices ADG439F Datasheet HTML 10Page - Analog Devices ADG439F Datasheet HTML 11Page - Analog Devices ADG439F Datasheet HTML 12Page - Analog Devices ADG439F Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG438F/ADG439F
Rev. E | Page 9 of 16
TEST CIRCUITS
IDS
S
RON = V1/IDS
V1
VS
D
Figure 17. On Resistance
S1
S2
S8
VD
IS (OFF)
VS
VDD
VSS
VDD
VSS
D
0.8V
EN
A
Figure 18. IS (Off)
S1
S2
S8
VS
ID (OFF)
VD
VDD
VSS
VDD
VSS
D
0.8V
EN
A
Figure 19. ID (Off)
SD
A
VD
ID (ON)
NC
NC = NO CONNECT
Figure 20. ID (On)
S1
S2
S8
VS
VD
VDD
VSS
VDD
VSS
D
0.8V
EN
A
Figure 21. Input Leakage Current (with Overvoltage)
A2
0V
0V
VDD
VSS
VS
D
0V
A1
A0
EN
GND
ADG438F*
S1
S8
A
*SIMILAR CONNECTION FOR ADG439F.
Figure 22. Input Leakage Current (with Power Supplies Off)
VIN
A2
VDD
VDD
D
VSS
VSS
A1
A0
GND
ADG438F*
S1
S8
*SIMILAR CONNECTION FOR ADG439F.
VOUT
RL
50Ω
Figure 23. Off Isolation
CHANNEL-TO-CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
D
S2
VOUT
NETWORK
ANALYZER
RL
50Ω
R
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
Figure 24. Channel-to-Channel Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com