Electronic Components Datasheet Search
  English  ▼

X  

ADG439F Datasheet(PDF) 3 Page - Analog Devices

Part # ADG439F
Description  High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG439F Datasheet(HTML) 3 Page - Analog Devices

  ADG439F Datasheet HTML 1Page - Analog Devices ADG439F Datasheet HTML 2Page - Analog Devices ADG439F Datasheet HTML 3Page - Analog Devices ADG439F Datasheet HTML 4Page - Analog Devices ADG439F Datasheet HTML 5Page - Analog Devices ADG439F Datasheet HTML 6Page - Analog Devices ADG439F Datasheet HTML 7Page - Analog Devices ADG439F Datasheet HTML 8Page - Analog Devices ADG439F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADG438F/ADG439F
Rev. E | Page 3 of 16
SPECIFICATIONS
DUAL SUPPLY
VDD = +15 V ± 10%, VSS = −15 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
B Version
Parameter
+25°C
−40°C to
+85°C
−40°C to
+105°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS + 1.4
V typ
Output open circuit
VDD − 1.4
V typ
VSS + 2.2
V typ
Output loaded, 1 mA
VDD – 2.2
V typ
RON
270
Ω typ
−10 V ≤ VS ≤ +10 V, IS = 1 mA
390
420
450
Ω max
See Figure 17
On-Resistance Flatness, RFLAT (ON)
9
% typ
−10 V ≤ VS ≤ +10 V, IS = 1 mA
10
10
10
10
% max
RON Drift
0.6
%/°C typ
VS = 0 V, IS = 1 mA
On-Resistance Match Between
Channels, ΔRON
3
3
3
3
% max
VS = ±10 V, IS = 1 mA
LEAKAGE CURRENTS
Source Off Leakage, IS (Off )
±0.01
nA typ
VD = ±10 V, VS =
10 V
m
±0.5
±1.5
±1.5
±4
nA max
See Figure 18
Drain Off Leakage, ID (Off )
±0.01
nA typ
VD = ±10 V, VS =
10 V
m
ADG438F ADG439F
±0.5
±5
±5
±20
nA max
See Figure 19
Channel On Leakage, ID, IS (On)
±0.01
nA typ
VS = VD = ± 10 V
ADG438F/ADG439F
±0.5
±5
±5
±20
nA max
See Figure 20
FAULT
Source Leakage Current, IS (Fault)
±0.02
nA typ
VS = +55 V or −40 V, VD = 0 V;
see Figure 21
(With Overvoltage)
±0.05
±0.1
±0.2
±0.2
μA max
Drain Leakage Current, ID (Fault)
±0.05
nA typ
VS = ±25 V, VD =
10 V; see
m
Figure 19
(With Overvoltage)
±0.05
±0.1
±0.2
±0.2
μA max
Source Leakage Current, IS (Fault)
(Power Supplies Off )
±30
nA typ
VS = ±25 V, VD = VEN, A0, A1, A2 = 0 V
±0.1
±0.2
±0.3
1
μA max
See Figure 22
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
0.8
V max
Input Current
IINL or IINH
±1
±1
±1
μA max
VIN = 0 V or VDD
Digital Input Capacitance, CIN
5
pF typ
DYNAMIC CHARACTERISTICS1
tTRANSITION
175
ns typ
RL = 1 MΩ, CL = 35 pF
220
300
300
330
ns max
VS1 = ±10 V, VS8 =
m10 V; see Figure 25
tOPEN
90
60
40
40
40
ns min
RL = 1 kΩ, CL = 35 pF, VS = 5 V;
see Figure 26
tON (EN)
180
ns typ
RL = 1 kΩ, CL = 35 pF
230
300
300
345
ns max
VS = 5 V; see Figure 27
tOFF (EN)
100
ns typ
RL = 1 kΩ, CL = 35 pF
130
150
150
173
ns max
VS = 5 V; see Figure 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com