Electronic Components Datasheet Search
  English  ▼

X  

UPC2722 Datasheet(PDF) 3 Page - NEC

Part # UPC2722
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2722 Datasheet(HTML) 3 Page - NEC

  UPC2722 Datasheet HTML 1Page - NEC UPC2722 Datasheet HTML 2Page - NEC UPC2722 Datasheet HTML 3Page - NEC UPC2722 Datasheet HTML 4Page - NEC UPC2722 Datasheet HTML 5Page - NEC UPC2722 Datasheet HTML 6Page - NEC UPC2722 Datasheet HTML 7Page - NEC UPC2722 Datasheet HTML 8Page - NEC UPC2722 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet P11102EJ4V0DS00
3
µµµµPC2721, µµµµPC2722
PIN
No.
SYMBOL
PIN VOLT
TYP.(V)
Function and Explanation
Equivalent circuit
1
OSC base
(bypass)
2.9
Internal oscillator consists in balance
amplifier. 2 pin and 3 pin should be
externally equipped with tank resonator
circuit in order to oscillate with feedback
loop.
2
OSC base
(feedback)
2.9
3OSC
collector
(coupling)
5.0
4VCC
5.0
Supply voltage pin for the IC.
5
IF output
µPC2721
2.9
In
µPC2721, IF amplifier is designed as
single-end push-pull amplifier.
This pin is assigned for the emitter follower
output with 50
Ω constant resistive
impedance in wide band.
µPC2721
µPC2722
5.0
In
µPC2722, IF amplifier is designed as
balance amplifier.
This pin is assigned for the open collector
output with high impedance dependent on
external inductance.
µPC2722
6
GND
0.0
GND pin for the IC.
7
RF input 2
(bypass)
2.4
7 pin and 8 pin are inputs for mixer
designed as double balanced type. Either
pin can be assigned for input and another
for ground.
8
RF input 1
2.4
1 pin should be grounded through
coupling capacitor to 0.5 pF.
3 pin is defined as open collector. This pin
should be coupled through resistor or
chock coil in order to adjust Q and be
supplied voltage. In case of abnormal
oscillation, adjust its Q lower to stabilize
the operation.
3
1
VCC
2
5
5
8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com