Electronic Components Datasheet Search
  English  ▼

X  

UPC2722 Datasheet(PDF) 6 Page - NEC

Part # UPC2722
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2722 Datasheet(HTML) 6 Page - NEC

Back Button UPC2722 Datasheet HTML 2Page - NEC UPC2722 Datasheet HTML 3Page - NEC UPC2722 Datasheet HTML 4Page - NEC UPC2722 Datasheet HTML 5Page - NEC UPC2722 Datasheet HTML 6Page - NEC UPC2722 Datasheet HTML 7Page - NEC UPC2722 Datasheet HTML 8Page - NEC UPC2722 Datasheet HTML 9Page - NEC UPC2722 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet P11102EJ4V0DS00
6
µµµµPC2721, µµµµPC2722
20
15
10
5
0
1.2
1.4
1.6
1.8
2.0
2.2
fOSC – Oscillation Frequency – GHz
fOSC – Oscillation Frequency – GHz
fOSC – Oscillation Frequency – GHz
fOSC – Oscillation Frequency – GHz
OSC-TUNING VOLTAGE vs. OSC FREQUENCY
5
4
3
2
1
1.4
LOWER VCC VOLTAGE IN OSC OPERATION vs.
OSC FREQUENCY
+6.0
+4.0
+2.0
0
–2.0
–4.0
–6.0
1.4
+6.0
+4.0
+2.0
0
–2.0
–4.0
–6.0
VCC = 4.5 V
1.0
VCC = 5 V
fIF = 402 MHz
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
PC2721 OSC FREQUENCY STABILITY vs.
OSC FREQUENCY
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
VCC = 5.5 V
VCC = 4.5 V
VCC = 5.5 V
1.4
PC2722 OSC FREQUENCY STABILITY vs.
OSC FREQUENCY
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
VCC = 5.5 V
VCC = 4.5 V
VCC = 5.5 V
µ
µ
VCC = 4.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com