Electronic Components Datasheet Search
  English  ▼

X  

HIP4083 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP4083
Description  80V, 300mA Three Phase High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4083 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP4083 Datasheet HTML 2Page - Intersil Corporation HIP4083 Datasheet HTML 3Page - Intersil Corporation HIP4083 Datasheet HTML 4Page - Intersil Corporation HIP4083 Datasheet HTML 5Page - Intersil Corporation HIP4083 Datasheet HTML 6Page - Intersil Corporation HIP4083 Datasheet HTML 7Page - Intersil Corporation HIP4083 Datasheet HTML 8Page - Intersil Corporation HIP4083 Datasheet HTML 9Page - Intersil Corporation HIP4083 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
18
FIGURE 5. FLOATING SUPPLY SWITCHING BIAS CURRENT
FIGURE 6. FLOATING SUPPLY SWITCHING BIAS CURRENT
FIGURE 7. UNDERVOLTAGE THRESHOLD
FIGURE 8. PROPAGATION DELAY
FIGURE 9. RISE AND FALL TIME (10-90%)
FIGURE 10. GATE DRIVER AVERAGE TURN-ON CURRENT
Typical Performance Curves (Continued)
-60
-40
-20
0
20
40
60
80
100
120
140
160
0
1
2
3
4
JUNCTION TEMPERATURE (oC)
CGATE = 1000pF
200kHz
100kHz
50kHz
20kHz
10kHz
-60 -40
-20
0
20
40
60
80
100
120
140 160
0
0.5
1.0
1.5
2.0
2.5
JUNCTION TEMPERATURE (oC)
NO LOAD
200kHz
100kHz
50kHz
20kHz
10kHz
-60
-40
-20
0
20
40
60
80
100
120
140 160
5
6
7
8
9
10
JUNCTION TEMPERATURE (oC)
ENABLE (50K, UVLO TO GND)
TRIP (50K, UVLO TO GND)
ENABLE (UVLO OPEN)
TRIP (UVLO OPEN)
TRIP/ENABLE (OK, UVLO TO VDD)
-60
-40
-20
0
20
40
60
80
100
120
140 160
40
60
80
100
JUNCTION TEMPERATURE (oC)
TURN-OFF
TURN-ON
ENABLE TURN-ON
DISABLE TURN-OFF
-60
-40
-20
0
20
40
60
80
100
120
140 160
20
30
40
50
JUNCTION TEMPERATURE (oC)
TURN-ON
TURN-OFF
CGATE = 1000pF
-60
-40
-20
0
20
40
60
80
100
120 140 160
0.1
0.15
0.2
0.25
0.3
0.35
JUNCTION TEMPERATURE (oC)
0V TO 5V
15V
12V
10V
8V
7V
HIP4083



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com