Electronic Components Datasheet Search
  English  ▼

X  

HIP4083 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP4083
Description  80V, 300mA Three Phase High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4083 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP4083 Datasheet HTML 2Page - Intersil Corporation HIP4083 Datasheet HTML 3Page - Intersil Corporation HIP4083 Datasheet HTML 4Page - Intersil Corporation HIP4083 Datasheet HTML 5Page - Intersil Corporation HIP4083 Datasheet HTML 6Page - Intersil Corporation HIP4083 Datasheet HTML 7Page - Intersil Corporation HIP4083 Datasheet HTML 8Page - Intersil Corporation HIP4083 Datasheet HTML 9Page - Intersil Corporation HIP4083 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
19
FIGURE 11. GATE DRIVER AVERAGE TURN-OFF CURRENT
FIGURE 12. HIGH VOLTAGE LEAKAGE CURRENT
Typical Performance Curves (Continued)
-60
-40
-20
0
20
40
60
80
100
120
140
160
0
0.1
0.2
0.3
0.4
0.5
JUNCTION TEMPERATURE (oC)
VDD TO 4V
15V
12V
10V
8V
7V
-60
-40
-20
0
20
40
60
80
100
120
140
160
0
10
20
30
40
50
JUNCTION TEMPERATURE (oC)
HIP4083



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com