Electronic Components Datasheet Search
  English  ▼

X  

HIP6007 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HIP6007
Description  Buck Pulse-Width Modulator (PWM) Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6007 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HIP6007 Datasheet HTML 2Page - Intersil Corporation HIP6007 Datasheet HTML 3Page - Intersil Corporation HIP6007 Datasheet HTML 4Page - Intersil Corporation HIP6007 Datasheet HTML 5Page - Intersil Corporation HIP6007 Datasheet HTML 6Page - Intersil Corporation HIP6007 Datasheet HTML 7Page - Intersil Corporation HIP6007 Datasheet HTML 8Page - Intersil Corporation HIP6007 Datasheet HTML 9Page - Intersil Corporation HIP6007 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2-140
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
HIP6007 DC-DC Converter Application Circuit
The figure below shows an application circuit of a DC-DC
Converter for a microprocessor application. Detailed
information on the circuit, including a complete Bill-of-
Materials and circuit board description, can be found in
Application Note AN9722. See Intersil’s home page on the
web: http://www.intersil.com or Intersil AnswerFAX (407-724-
7800) document # 99722.
HIP6007
RT
FB
COMP
SS
REF
GND
OSC
VCC
VIN
C1-5
L2
C6-11
0.1
µF
2x 1
µF
0.1
µF
1
µF
33pF
0.01
µF 15k
1k
3x 680
µF
4x 1000
µF
UGATE
OCSET
PHASE
BOOT
SPARE
CR1
Q1
3.01k
1000pF
C13
R1
R3
R4
C16
C15
R5
C14
C12
C17-18
C19
R6
C20
4148
U1
RTN
12VCC
14
2
10
9
8
7
4
5
1
3
SPARE
JP1
CR3
1206
1206
VOUT
RTN
ENABLE
R2
1k
COMP
TP1
PHASE
TP2
6
R7
10k
12
11
13 NC
NC
NC
SPARE
MONITOR AND
PROTECTION
+
-
+
-
Component Selection Notes
C1-C3 -3 each 680
µF 25W VDC, Sanyo MV-GX or equivalent
C6-C9 -4 each 1000
µF 6.3W VDC, Sanyo MV-GX or equivalent
L1 -Core: Micrometals T60-52; Winding: 14 Turns of 17AWG
CR1 -1N4148 or equivalent
CR3 -15A, 35V Schottky, Motorola MBR1535CT or equivalent
Q1 -Intersil MOSFET; RFP25N05
FIGURE 11. DC-DC CONVERTER APPLICATION CIRCUIT
HIP6007



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com