Electronic Components Datasheet Search
  English  ▼

X  

HIP6008CB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP6008CB
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6008CB Datasheet(HTML) 4 Page - Intersil Corporation

  HIP6008CB Datasheet HTML 1Page - Intersil Corporation HIP6008CB Datasheet HTML 2Page - Intersil Corporation HIP6008CB Datasheet HTML 3Page - Intersil Corporation HIP6008CB Datasheet HTML 4Page - Intersil Corporation HIP6008CB Datasheet HTML 5Page - Intersil Corporation HIP6008CB Datasheet HTML 6Page - Intersil Corporation HIP6008CB Datasheet HTML 7Page - Intersil Corporation HIP6008CB Datasheet HTML 8Page - Intersil Corporation HIP6008CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Functional Pin Description
OCSET (Pin 1)
Connect a resistor (ROCSET) from this pin to the drain of the
upper MOSFET. ROCSET, an internal 200µA current source
(IOCS), and the upper MOSFET on-resistance. (rDS(ON)) set
the converter over-current (OC) trip point according to the
following equation:
An over-current trip cycles the soft-start function.
SS (Pin 2)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 10
µA current source, sets the soft-
start interval of the converter.
VID0-3 (Pins 3-6)
VID0-3 are the input pins to the 4-bit DAC. The states of
these four pins program the internal voltage reference
(DACOUT). The level of DACOUT sets the converter output
voltage. It also sets the PGOOD and OVP thresholds. Table
1 specifies DACOUT for the 16 combinations of DAC inputs.
COMP (Pin 7) and FB (Pin 8)
COMP and FB are the available external pins of the error
amplifier. The FB pin is the inverting input of the error
amplifier and the COMP pin is the error amplifier output.
These pins are used to compensate the voltage-control
feedback loop of the converter.
GND (Pin 9)
Signal ground for the IC. All voltage levels are measured with
respect to this pin.
PGOOD (Pin 10)
PGOOD is an open collector output used to indicate the
status of the converter output voltage. This pin is pulled low
when the converter output is not within
±10% of the
DACOUT reference voltage.
PHASE (Pin 11)
Connect the PHASE pin to the upper MOSFET source. This
pin is used to monitor the voltage drop across the MOSFET
for over-current protection. This pin also provides the return
path for the upper gate drive.
UGATE (Pin 12)
Connect UGATE to the upper MOSFET gate. This pin
provides the gate drive for the upper MOSFET.
BOOT (Pin 13)
This pin provides bias voltage to the upper MOSFET driver.
A bootstrap circuit may be used to create a BOOT voltage
suitable to drive a standard N-Channel MOSFET.
VCC (Pin 14)
Provide a 12V bias supply for the chip to this pin.
RT/OVP (Pin 15)
This pin is multiplexed, providing two functions. The first
function is oscillator switching frequency adjustment. By
Typical Performance Curves
FIGURE 1. RT RESISTANCE vs FREQUENCY
FIGURE 2. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RT PULLUP
TO +12V
RT PULLDOWN
TO VSS
100
200
300
400
500
600
700
800
900
1000
40
35
30
25
20
15
10
5
0
SWITCHING FREQUENCY (kHz)
CUGATE = 3300pF
CUGATE = 1000pF
CUGATE = 10pF
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
OCSET
SS
VID0
VID1
VID2
VID3
FB
COMP
VSEN
VCC
BOOT
UGATE
PHASE
PGOOD
GND
RT/OVP
I
PEAK =
I
OCS
R
OCSET
•
r
DS ON
()
--------------------------------------------
HIP6008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com