Electronic Components Datasheet Search
  English  ▼

X  

HIP6008CB Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIP6008CB
Description  Buck Pulse-Width Modulator (PWM) Controller and Output Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6008CB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIP6008CB Datasheet HTML 4Page - Intersil Corporation HIP6008CB Datasheet HTML 5Page - Intersil Corporation HIP6008CB Datasheet HTML 6Page - Intersil Corporation HIP6008CB Datasheet HTML 7Page - Intersil Corporation HIP6008CB Datasheet HTML 8Page - Intersil Corporation HIP6008CB Datasheet HTML 9Page - Intersil Corporation HIP6008CB Datasheet HTML 10Page - Intersil Corporation HIP6008CB Datasheet HTML 11Page - Intersil Corporation HIP6008CB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
HIP6008 DC-DC Converter Application Circuit
The figure below shows an application circuit of a DC-DC
Converter for an Intel Pentium Pro microprocessor. Detailed
information on the circuit, including a complete Bill-of-
Materials and circuit board description, can be found in
Application Note AN9664. AN9664 details the
HIP6003EVAL1 evaluation board. The HIP6008 is pin-for-pin
compatible with the HIP6003 and can be evaluated in the
HIP6003EVAL1 board. See Intersil’s home page on the web:
www.intersil.com or Intersil AnswerFAX (321-724-7800)
document #99664.
6
5
VSEN
RT/OVP
FB
COMP
VID0
VID1
VID2
VID3
SS
PGOOD
D/A
GND
MONITOR AND
VCC
C1-C4
L2
C5-C12
0.1
µF
2x 1
µF
0.1
µF
0.1
µF
1000pF 90.9K
3.01K
4x 330
µF
8x 1000
µF
UGATE
OCSET
PHASE
BOOT
SPARE
750k
CR1
Q1
1.1K
1000pF
CR2
Q2
VR1
1.5
µH
2N6394
5.1V
R1
R2
R3
R4
C17
C16
R5
C15
C14
C19-C20
C21
R7
C22
R8
C24
4148
U1
1
µF
C18
R6
10
20K
0.1
µF
F1
15A
VSS
R9
10K
R10
14
1
10
13
12
11
9
7
8
15
16
2
3
4
SPARE
VID0
VID1
VID2
VID3
PWRGD
VOUT
VSS
+12V
+5V
VIN =
L1
OR
+12V
SPARE
OSC
+
-
+
-
PROTECTION
Component Selection Notes:
C5-C12 -8 each 1000
µF 6.3W VDC, Sanyo MV-GX or Equivalent
C1-C4 -4 each 330
µF 25W VDC, Sanyo MV-GX or Equivalent
L1 -Core: Micrometals T60-52; Each Winding: 14 Turns of 17AWG
L2 -Core: Micrometals T44-52; Winding: 7 Turns of 18AWG
CR1 -1N4148 or Equivalent
CR2 -25A, 35V Schottky, Motorola MBR2535CTL or Equivalent
Q1 -Intersil MOSFET; RFP70N03
FIGURE 12. PENTIUM PRO DC-DC CONVERTER
15K
33pF
7
µH
C13
HIP6008
HIP6008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com