Electronic Components Datasheet Search
  English  ▼

X  

HIP6019CB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP6019CB
Description  Advanced Dual PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6019CB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP6019CB Datasheet HTML 2Page - Intersil Corporation HIP6019CB Datasheet HTML 3Page - Intersil Corporation HIP6019CB Datasheet HTML 4Page - Intersil Corporation HIP6019CB Datasheet HTML 5Page - Intersil Corporation HIP6019CB Datasheet HTML 6Page - Intersil Corporation HIP6019CB Datasheet HTML 7Page - Intersil Corporation HIP6019CB Datasheet HTML 8Page - Intersil Corporation HIP6019CB Datasheet HTML 9Page - Intersil Corporation HIP6019CB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2-257
Functional Pin Description
VSEN1, VSEN2 (Pins 22 and 15)
These pins are connected to the PWM converters’ output
voltages. The PGOOD and OVP comparator circuits use
these signals to report output voltage status and for over-
voltage protection. VSEN2 provides the input power to the
integrated linear regulator.
OCSET1, OCSET2 (Pins 23 and 9)
Connect a resistor (ROCSET) from this pin to the drain of the
respective upper MOSFET. ROCSET, an internal 200µA
current source (IOCSET), and the upper MOSFET on-
resistance (rDS(ON)) set the converter over-current (OC) trip
point according to the following equation:
An over-current trip cycles the soft-start function. Sustaining an
over-current for 2 soft-start intervals shuts down the controller.
Additionally, OCSET1 is an output for the inverted FAULT
signal (FAULT). If a fault condition causes FAULT to go high,
OCSET1 will be simultaneously pulled to ground though an
internal MOS device (typical rDS(ON) = 100Ω).
SS (Pin 12)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 11
µA current source, sets the soft-
start interval of the converter.
Pulling this pin low (typically below 1.0V) with an open drain
signal will shutdown the IC.
VID0, VID1, VID2, VID3, VID4 (Pins 7, 6, 5, 4 and 3)
VID0-4 are the input pins to the 5-bit DAC. The states of these
five pins program the internal voltage reference (DACOUT).
The level of DACOUT sets the core converter output voltage
(VOUT1). It also sets the core PGOOD and OVP thresholds.
COMP1, COMP2, and FB1, FB2
(Pins 20, 11, 21, and 10)
COMP1, 2 and FB1, 2 are the available external pins of the
PWM error amplifiers. Both the FB pins are the inverting
input of the error amplifiers. Similarly, the COMP pins are the
error amplifier outputs. These pins are used to compensate
the voltage-control feedback loops of the PWM converters.
GND (Pin 17)
Signal ground for the IC. All voltage levels are measured with
respect to this pin.
PGOOD (Pin 8)
PGOOD is an open collector output used to indicate the
status of the PWM converter output voltages. This pin is
pulled low when the core output is not within
±10% of the
DACOUT reference voltage, or when any of the other
outputs are below their under-voltage thresholds.
The PGOOD output is open for VID codes that inhibit
operation. See Table 1.
PHASE1, PHASE2 (Pins 26 and 2)
Connect the PHASE pins to the respective PWM
converter’s upper MOSFET source. These pins are used to
monitor the voltage drop across the upper MOSFETs for
over-current protection.
UGATE1, UGATE2 (Pins 27 and 1)
Connect UGATE pins to the respective PWM converter’s
upper MOSFET gate. These pins provide the gate drive for
the upper MOSFETs.
PGND (Pin 24)
This is the power ground connection. Tie the synchronous
PWM converter’s lower MOSFET source to this pin.
LGATE1 (Pin 25)
Connect LGATE1 to the synchronous PWM converter’s lower
MOSFET gate. This pin provides the gate drive for the lower
MOSFET.
VCC (Pin 28)
Provide a 12V bias supply for the IC to this pin. This pin also
provides the gate bias charge for all the MOSFETs
controlled by the IC.
FAULT/RT (Pin 13)
This pin provides oscillator switching frequency adjustment.
By placing a resistor (RT) from this pin to GND, the nominal
200kHz switching frequency is increased according to the
following equation:
Conversely, connecting a pull-up resistor (RT) from this pin
to VCC reduces the switching frequency according to the
following equation:
Nominally, this pin voltage is 1.26V, but is pulled to VCC in
the event of an over-voltage or over-current condition.
GATE3 (Pin 18)
Connect this pin to the gate of an external MOSFET. This pin
provides the drive for the linear controller’s pass transistor.
FB3 (Pin 19)
Connect this pin to a resistor divider to set the linear
controller output.
VOUT4 (Pin 16)
Output of the linear regulator. Supplies current up to 230mA.
I
PEAK
I
OCSET
R
OCSET
×
r
DS ON
()
----------------------------------------------------
=
Fs
200kHz
510
6
×
R
T kΩ
()
---------------------
+
≈
(RT to GND)
Fs
200kHz
410
7
×
R
T kΩ
()
---------------------
–
≈
(RT to 12V)
HIP6019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com