Electronic Components Datasheet Search
  English  ▼

X  

HIP6019CB Datasheet(PDF) 14 Page - Intersil Corporation

Part # HIP6019CB
Description  Advanced Dual PWM and Dual Linear Power Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6019CB Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HIP6019CB Datasheet HTML 7Page - Intersil Corporation HIP6019CB Datasheet HTML 8Page - Intersil Corporation HIP6019CB Datasheet HTML 9Page - Intersil Corporation HIP6019CB Datasheet HTML 10Page - Intersil Corporation HIP6019CB Datasheet HTML 11Page - Intersil Corporation HIP6019CB Datasheet HTML 12Page - Intersil Corporation HIP6019CB Datasheet HTML 13Page - Intersil Corporation HIP6019CB Datasheet HTML 14Page - Intersil Corporation HIP6019CB Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2-265
omit the diode and let the body diode of the lower MOSFET
clamp the negative inductor swing, but efficiency might drop
one or two percent as a result. The diode's rated reverse
breakdown voltage must be greater than twice the maximum
input voltage.
PWM2 MOSFET and Schottky Selection
The power dissipation in PWM2 converter power devices is
similar to PWM1 except that the power losses of the lower
device are representative of a Schottky diode instead of a
MOSFET. The transistor power losses follow the PWM1
upper MOSFET equation, so the selection process should
be somewhat similar. The equation below describes the
conduction power losses incurred by the Schottky diode.
As it can be observed, conduction losses in the Schottky
diode are proportional with the forward voltage drop (Vf).
Linear Controller MOSFET Selection
The main criteria for selection of MOSFET for the linear
regulator is package selection for efficient removal of heat.
The power dissipated in a linear regulator is:
Select a package and heatsink that maintains the junction
temperature below the maximum rating while operating at
the highest expected ambient temperature.
P
SCH
I
O
V
f
×
V
IN
V
OUT
–
()
×
V
IN
-------------------------------------------------------------
=
P
LINEAR
I
O
V
IN
V
OUT
–
()
×
=
HIP6019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com