Electronic Components Datasheet Search
  English  ▼

X  

HIP6020 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6020
Description  Advanced Dual PWM and Dual Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6020 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6020 Datasheet HTML 1Page - Intersil Corporation HIP6020 Datasheet HTML 2Page - Intersil Corporation HIP6020 Datasheet HTML 3Page - Intersil Corporation HIP6020 Datasheet HTML 4Page - Intersil Corporation HIP6020 Datasheet HTML 5Page - Intersil Corporation HIP6020 Datasheet HTML 6Page - Intersil Corporation HIP6020 Datasheet HTML 7Page - Intersil Corporation HIP6020 Datasheet HTML 8Page - Intersil Corporation HIP6020 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2-281
HIP6020
Advanced Dual PWM and Dual Linear
Power Controller
The HIP6020 provides the power control and protection for
four output voltages in high-performance, graphics intensive
microprocessor and computer applications. The IC
integrates two PWM controllers and two linear controllers, as
well as the monitoring and protection functions into a 28-pin
SOIC package. One PWM controller regulates the
microprocessor core voltage with a synchronous-rectified
buck converter. The second PWM controller supplies the
computer system’s AGP 1.5V or 3.3V bus power with a
standard buck converter. The linear controllers regulate
power for the 1.5V GTL bus and the 1.8V power for the
North/South Bridge core voltage and/or cache memory
circuits.
The HIP6020 includes an Intel-compatible, TTL 5-input
digital-to-analog converter (DAC) that adjusts the core PWM
output voltage from 1.3VDC to 2.05VDC in 0.05V steps and
from 2.1VDC to 3.5VDC in 0.1V increments. The precision
reference and voltage-mode control provide
±1% static
regulation. The second PWM controller’s output is user-
selectable, through a TTL-compatible signal applied at the
SELECT pin, for levels of 1.5V or 3.3V with
±3% accuracy.
The linear regulators use external N-Channel MOSFETs or
bipolar NPN pass transistors to provide fixed output voltages
of 1.5V
±3% (VOUT3) and 1.8V ±3% (VOUT4).
The HIP6020 monitors all the output voltages. A single
Power Good signal is issued when the core is within
±10% of
the DAC setting and all other outputs are above their under-
voltage levels. Additional built-in over-voltage protection for
the core output uses the lower MOSFET to prevent output
voltages above 115% of the DAC setting. The PWM
controllers’ over-current function monitors the output current
by using the voltage drop across the upper MOSFET’s
rDS(ON), eliminating the need for a current sensing resistor.
Features
• Provides 4 Regulated Voltages
- Microprocessor Core, AGP Bus, North/South Bridge
and/or Cache Memory, and GTL Bus Power
• Drives N-Channel MOSFETs
• Linear Regulator Drives Compatible with both MOSFET
and Bipolar Series Pass Transistors
• Simple Single-Loop Control Designs
- Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
- High-Bandwidth Error Amplifiers
- Full 0% to 100% Duty Ratios
• Excellent Output Voltage Regulation
- Core PWM Output:
±1% Over Temperature
- AGP Bus PWM Output:
±3% Over Temperature
- Other Outputs:
±3% Over Temperature
• TTL-Compatible 5 Bit DAC Microprocessor Core Output
Voltage Selection
- Wide Range . . . . . . . . . . . . . . . . . . . 1.3VDC to 3.5VDC
• Power-Good Output Voltage Monitor
• Over-Voltage and Over-Current Fault Monitors
- Switching Regulators Do Not Require Extra Current
Sensing Elements, Use MOSFET’s rDS(ON)
• Small Converter Size
- Constant Frequency Operation
- 200kHz Free-Running Oscillator; Programmable From
50kHz to Over 1MHz
- Small External Component Count
Applications
• Motherboard Power Regulation for Computers
Pinout
HIP6020 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP6020CB
0 to 70
28 Ld SOIC
M28.3
HIP6020EVAL1
Evaluation Board
UGATE2
PHASE2
VID4
VID3
VSEN2
SELECT
SS
FAULT/RT
VSEN4
VCC
PGND
LGATE1
PHASE1
DRIVE3
COMP1
GND
VAUX
DRIVE4
UGATE1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PGOOD
VID2
OCSET2
VSEN1
VSEN3
VID1
VID0
OCSET1
FB1
Data Sheet
February 1999
File Number
4683
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP6020

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
HIP6020A INTERSIL-HIP6020A Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Renesas Technology Corp
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Intersil Corporation
HIP6020ACB INTERSIL-HIP6020ACB Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
More results

Similar Description - HIP6020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A Datasheet
192Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
April 1999
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A Datasheet
210Kb / 10P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228 Datasheet
164Kb / 10P
ADVANCED PWM AND DUAL LINEAR POWER CONTROLLER
logo
List of Unclassifed Man...
RT9230 ETC-RT9230 Datasheet
213Kb / 10P
1.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER
logo
Anpec Electronics Corop...
APW3007 ANPEC-APW3007 Datasheet
133Kb / 12P
Advanced Dual PWM and Dual Linear Power Controller
logo
Intersil Corporation
HIP6020A INTERSIL-HIP6020A_01 Datasheet
710Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
logo
Richtek Technology Corp...
RT9227A RICHTEK-RT9227A_07 Datasheet
119Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
RT9228 RICHTEK-RT9228_07 Datasheet
122Kb / 8P
Advanced PWM and Dual Fixed Linear Power Controller
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
Advanced Dual PWM and Dual Linear Power Controller
February 1999
HIP6020A RENESAS-HIP6020A Datasheet
860Kb / 16P
Advanced Dual PWM and Dual Linear Power Controller
September 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com