Electronic Components Datasheet Search
  English  ▼

X  

HIP6020 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP6020
Description  Advanced Dual PWM and Dual Linear Power Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6020 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP6020 Datasheet HTML 1Page - Intersil Corporation HIP6020 Datasheet HTML 2Page - Intersil Corporation HIP6020 Datasheet HTML 3Page - Intersil Corporation HIP6020 Datasheet HTML 4Page - Intersil Corporation HIP6020 Datasheet HTML 5Page - Intersil Corporation HIP6020 Datasheet HTML 6Page - Intersil Corporation HIP6020 Datasheet HTML 7Page - Intersil Corporation HIP6020 Datasheet HTML 8Page - Intersil Corporation HIP6020 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2-283
Simplified Power System Diagram
Typical Application
PWM1
+5VIN
VOUT1
Q1
Q2
Q3
VOUT2
Q4
VOUT3
VOUT4
PWM2
LINEAR
LINEAR
HIP6020
CONTROLLER
CONTROLLER
CONTROLLER
CONTROLLER
+3.3VIN
Q5
VID1
VID2
VID3
VID4
SS
GND
VCC
+5VIN
VID0
+12VIN
VOUT1
PGND
VSEN1
PGOOD
LGATE1
UGATE1
OCSET1
PHASE1
Q1
Q2
POWERGOOD
FB1
COMP1
1.3V TO 3.5V
SELECT
UGATE2
PHASE2
Q3
CR2
VSEN2
DRIVE3
VSEN3
VSEN4
COUT4
1.5V
1.8V
COUT3
COUT2
CIN
COUT1
Q4
LOUT2
LOUT1
HIP6020
VOUT2
VOUT3
VOUT4
1.5V OR 3.3V
FAULT / RT
CSS
Q5
+3.3VIN
TYPEDET
LIN
DRIVE4
VAUX
OCSET2
HIP6020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com