Electronic Components Datasheet Search
  English  ▼

X  

HIP6200 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6200
Description  Transient Voltage Regulator DeCAPitator?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6200 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6200 Datasheet HTML 1Page - Intersil Corporation HIP6200 Datasheet HTML 2Page - Intersil Corporation HIP6200 Datasheet HTML 3Page - Intersil Corporation HIP6200 Datasheet HTML 4Page - Intersil Corporation HIP6200 Datasheet HTML 5Page - Intersil Corporation HIP6200 Datasheet HTML 6Page - Intersil Corporation HIP6200 Datasheet HTML 7Page - Intersil Corporation HIP6200 Datasheet HTML 8Page - Intersil Corporation HIP6200 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2-441
File Number
4423.2
HIP6200, HIP6201
Transient Voltage Regulator
DeCAPitator™
The Intersil DeCAPitator helps to stabilize a power system
voltage during severe transients. It accomplishes this by
supplying current when the voltage is more than 1% low or
sinking current when the voltage is higher than 1.5% from
the average load voltage. The fast transient response of the
DeCAPitator can make up for the slow response time of
many switching DC-DC converters.
Although the HIP6200 serves as a simple replacement for
large output capacitors for any dynamic load, it is especially
useful in stabilizing the CPU core voltage in portable
computer applications, where size and efficiency are major
concerns. The DeCAPitator enables power supply designs
for more powerful microprocessors without increasing
converter size or decreasing converter efficiency.
The DeCAPitator acts independently of the PWM control
circuitry. This simplifies converter layout because the
DeCAPitator and the load may be located separately from
the DC-DC converter. The DeCAPitator should be located
near the load for optimum performance.
Features
• Saves Power System Size and Cost
- Replaces Expensive Bulk Capacitors
- Small 8 Lead SOIC Package
• Linear Regulator Response
- Greater than 5MHz Bandwidth
• Very Low Static Power Dissipation
- Shutdown Current . . . . . . . . . . . . . . . . . . . . . . . . . < 5
µA
- Power Dissipated Only During Load Transients
• Over Temperature Shutdown/Signal
• Simplifies Power Supply Layout
- Allows for Remotely Located CPU DC-DC Converter
Applications
• Notebook Computers
• Pentium®, Pentium Pro, and Pentium II Power Supplies
Pinouts
HIP6200 (SOIC)
TOP VIEW
HIP6201 (SOIC)
TOP VIEW
Pentium® is a registered trademark of Intel Corporation.
DeCAPitator™ is a trademark of Intersil Corporation.
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP6200CB
0 to 70
8 Ld SOIC
M8.15
HIP6201CB
0 to 70
8 Ld SOIC
M8.15
1
2
3
4
8
7
6
5
PVCC
PGND
GND
VCC
EN/OT
SNS
CAP
OUT
1
2
3
4
8
7
6
5
PVCC
PGND
GND
VCC
EN
SNS
CAP
OUT
Data Sheet
February 1998
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP6200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6200 RENESAS-HIP6200 Datasheet
556Kb / 9P
Transient Voltage Regulator DeCAPitator
February 5, 2015
HIP6200CB RENESAS-HIP6200CB Datasheet
556Kb / 9P
Transient Voltage Regulator DeCAPitator
February 5, 2015
More results

Similar Description - HIP6200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A7200 TI1-TPS7A7200 Datasheet
1Mb / 29P
2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300 Datasheet
1Mb / 28P
3-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
logo
Shenzhen Taychipst Elec...
CMZ12 TAYCHIPST-CMZ12 Datasheet
1Mb / 2P
Constant Voltage Regulator Transient Suppressors
logo
Texas Instruments
TPS7A7200 TI-TPS7A7200_15 Datasheet
1Mb / 32P
2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI-TPS7A7300_15 Datasheet
1Mb / 29P
3-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7300 TI1-TPS7A7300_16 Datasheet
1Mb / 37P
Fast-Transient, Low-Dropout Voltage Regulator
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
2-A, Fast-Transient, Low-Dropout Voltage Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
logo
Renesas Technology Corp
HIP6200 RENESAS-HIP6200 Datasheet
556Kb / 9P
Transient Voltage Regulator DeCAPitator
February 5, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com