Electronic Components Datasheet Search
  English  ▼

X  

HIP6200 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP6200
Description  Transient Voltage Regulator DeCAPitator?
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6200 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6200 Datasheet HTML 1Page - Intersil Corporation HIP6200 Datasheet HTML 2Page - Intersil Corporation HIP6200 Datasheet HTML 3Page - Intersil Corporation HIP6200 Datasheet HTML 4Page - Intersil Corporation HIP6200 Datasheet HTML 5Page - Intersil Corporation HIP6200 Datasheet HTML 6Page - Intersil Corporation HIP6200 Datasheet HTML 7Page - Intersil Corporation HIP6200 Datasheet HTML 8Page - Intersil Corporation HIP6200 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2-442
Typical Application - Portable CPU Dynamic Regulator
Block Diagram
+5V
CPU
LOAD
BATTERY
POWER
CAP
POR
VCC
X 0.99
X 1.015
PVCC
OUT
GND
EN/OT
SNS
PGND
4
8
5
3
2
6
7
1
20R
R
HIP6200
-
+
-
+
PWM
CONTROLLER
+
-
99%
CAP
RT1
RT2
101.5%
+
-
POWER-ON
EN/OT
RESET (POR)
THERMAL
MONITOR
(TMON)
VCC
PVCC
OUT
SNS
PGND
GND
ENABLE
ENABLE
RGND
ROUT
RVCC
UPPER
LOWER
UPPER
AMPLIFIER
LOWER
AMPLIFIER
(HIP6200)
EN
(HIP6201)
COMPARATOR
COMPARATOR
-
+
-
+
HIP6200, HIP6201



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com