Electronic Components Datasheet Search
  English  ▼

X  

HIP6303 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP6303
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6303 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP6303 Datasheet HTML 1Page - Intersil Corporation HIP6303 Datasheet HTML 2Page - Intersil Corporation HIP6303 Datasheet HTML 3Page - Intersil Corporation HIP6303 Datasheet HTML 4Page - Intersil Corporation HIP6303 Datasheet HTML 5Page - Intersil Corporation HIP6303 Datasheet HTML 6Page - Intersil Corporation HIP6303 Datasheet HTML 7Page - Intersil Corporation HIP6303 Datasheet HTML 8Page - Intersil Corporation HIP6303 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
File Number
4767
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999
Athlon™ is a trademark of Advanced Micro Devices, Inc.
HIP6303
Microprocessor CORE Voltage Regulator
Multi-Phase Buck PWM Controller
The HIP6303 multi-phase PWM control IC together with its
companion gate drivers, the HIP6601, HIP6602 or HIP6603
and Intersil MOSFETs provides a precision voltage
regulation system for advanced microprocessors.
Multiphase power conversion is a marked departure from
earlier single channel converter configurations previously
employed to satisfy the ever increasing current demands of
modern microprocessors. Multi-phase converters, by
distributing the power and load current results in smaller and
lower cost transistors with fewer input and output capacitors.
These reductions accrue from the higher effective
conversion frequency with higher frequency ripple current
due to the phase interleaving process of this topology. For
example, a three channel converter operating at 350kHz will
have a ripple frequency of 1.05MHz. Moreover, greater
converter bandwidth of this design results in faster response
to load transients.
Outstanding features of this controller IC include
programmable VID codes from the microprocessor that
range from 1.30V to 2.05V with a system accuracy of
±1%.
Pull up currents on these VID pins eliminates the need for
external pull up resistors. In addition “droop” compensation,
used to reduce the overshoot or undershoot of the CORE
voltage, is easily programmed with a single resistor.
Another feature of this controller IC is the PGOOD monitor
circuit which is held low until the CORE voltage increases,
during its Soft-Start sequence, to within 10% of the
programmed voltage. Over-voltage, 15% above programmed
CORE voltage, results in the converter shutting down and
turning the lower MOSFETs ON to clamp and protect the
microprocessor. Under voltage is also detected and results
in PGOOD low if the CORE voltage falls 10% below the
programmed level. Over-current protection reduces the
regulator current to less than 25% of the programmed trip
value. These features provide monitoring and protection for
the microprocessor and power system.
Features
• AMD Athlon
 Compatible
• Multi-Phase Power Conversion
• Precision Channel Current Sharing
- Loss Less Current Sampling - Uses rDS(ON)
• Precision CORE Voltage Regulation
-
±1% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
- 4-Bit VID Input
- 1.30V to 2.05V in 50mV Steps
- Programmable “Droop” Voltage
• Fast Transient Recovery Time
• Over Current Protection
• Automatic Selection of 2, 3, or 4 Channel Operation
• High Ripple Frequency, (Channel Frequency) Times
Number of Channels . . . . . . . . . . . . . . . 100kHz to 6MHz
Pinout
HIP6303 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. NO.
HIP6303CB
0 to 70
20 Ld SOIC
M20.3
HIP6303CB-T
20 Ld SOIC Tape and Reel
HIP6303EVAL1
Evaluation Platform
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VID3
VID2
VID1
VID0
EN
FS/DIS
PWM2
PGOOD
PWM3
ISEN4
ISEN1
VCC
GND
ISEN3
FB
PWM4
VSEN
COMP
PWM1
ISEN2
Data Sheet
December 1999


Similar Part No. - HIP6303

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HIP6303 RENESAS-HIP6303 Datasheet
771Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6303CB RENESAS-HIP6303CB Datasheet
771Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6303CB-T RENESAS-HIP6303CB-T Datasheet
771Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6303EVAL1 RENESAS-HIP6303EVAL1 Datasheet
771Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - HIP6303

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6301 INTERSIL-HIP6301 Datasheet
191Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
2000 03
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
August 2004
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
December 27, 2004
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com