Electronic Components Datasheet Search
  English  ▼

X  

HIP6303 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP6303
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6303 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP6303 Datasheet HTML 9Page - Intersil Corporation HIP6303 Datasheet HTML 10Page - Intersil Corporation HIP6303 Datasheet HTML 11Page - Intersil Corporation HIP6303 Datasheet HTML 12Page - Intersil Corporation HIP6303 Datasheet HTML 13Page - Intersil Corporation HIP6303 Datasheet HTML 14Page - Intersil Corporation HIP6303 Datasheet HTML 15Page - Intersil Corporation HIP6303 Datasheet HTML 16Page - Intersil Corporation HIP6303 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
The inductor, or load current, flows alternately from VIN
through Q1 and from ground through Q2. The HIP6303
samples the on-state voltage drop across each Q2 transistor
to indicate the inductor current in that channel. The voltage
drop is sampled 1/3 of a switching period, 1/FSW, after Q1 is
turned OFF and Q2 is turned on. Because of the sawtooth
current component, the sampled current is different from the
average current per channel. Neglecting secondary effects,
the sampled current (ISAMPLE) can be related to the load
current (ILT) by:
ISAMPLE = ILT /n+ (VINVCORE -3VCORE
2) / (6L x F
SW xVIN)
Where: ILT
= total load current
n = the number of channels
Example: Using the previously given conditions, and
For ILT = 100A,
n= 4
Then ISAMPLE = 25.49A.
As discussed previously, the voltage drop across each Q2
transistor at the point in time when current is sampled is
rDSON (Q2) x ISAMPLE. The voltage at Q2’s drain, the
PHASE node, is applied through the RISEN resistor to the
HIP6303 ISEN pin. This pin is held at virtual ground, so the
current into ISEN is:
ISENSE = ISAMPLE x rDS(ON) (Q2) / RISEN.
RIsen
= ISAMPLE x rDS(ON) (Q2) / 50µA
Example: From the previous conditions,
where ILT
= 100A,
ISAMPLE
= 25.49A,
rDS(ON) (Q2)
= 4m
Ω
Then: RISEN
= 2.04K and
ICURRENT TRIP = 165%
Short circuit ILT
= 165A.
Channel Frequency Oscillator
The channel oscillator frequency is set by placing a resistor,
RT, to ground from the FS/DIS pin. Figure 10 is a curve
showing the relationship between frequency, FSW, and
resistor RT. To avoid pickup by the FS/DIS pin, it is important
to place this resistor next to the pin. If this pin is also used to
disable the converter, it is also important to locate the pull-
down device next to this pin.
Layout Considerations
MOSFETs switch very fast and efficiently. The speed with
which the current transitions from one device to another
causes voltage spikes across the interconnecting
impedances and parasitic circuit elements. These voltage
spikes can degrade efficiency, radiate noise into the circuit
and lead to device over-voltage stress. Careful component
layout and printed circuit design minimizes the voltage
spikes in the converter. Consider, as an example, the turnoff
transition of the upper PWM MOSFET. Prior to turnoff, the
upper MOSFET was carrying channel current. During the
turnoff, current stops flowing in the upper MOSFET and is
picked up by the lower MOSFET. Any inductance in the
switched current path generates a large voltage spike during
the switching interval. Careful component selection, tight
layout of the critical components, and short, wide circuit
traces minimize the magnitude of voltage spikes. Contact
Intersil for evaluation board drawings of the component
placement and printed circuit board.
There are two sets of critical components in a DC-DC
converter using a HIP6303 controller and a HIP6601 gate
driver. The power components are the most critical because
they switch large amounts of energy. Next are small signal
components that connect to sensitive nodes or supply
critical bypassing current and signal coupling.
The power components should be placed first. Locate the
input capacitors close to the power switches. Minimize the
length of the connections between the input capacitors, CIN,
and the power switches. Locate the output inductors and
output capacitors between the MOSFETs and the load.
Locate the gate driver close to the MOSFETs.
50
100
10
20
200
500 1,000
5,000 10,000
2,000
1
2
5
10
20
50
100
200
500
1,000
CHANNEL OSCILLATOR FREQUENCY, FSW (kHz)
FIGURE 10. RESISTANCE RT vs FREQUENCY
HIP6303



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com