Electronic Components Datasheet Search
  English  ▼

X  

ADG621 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG621
Description  Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG621 Datasheet HTML 2Page - Analog Devices ADG621 Datasheet HTML 3Page - Analog Devices ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices ADG621 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
S1
1
D1
2
IN2
3
GND
4
VSS 5
VDD
10
IN1
9
D2
8
S2
7
NC
6
TOP VIEW
(Not to Scale)
ADG621/
ADG622/
ADG623
Figure 4. 10-Lead MSOP (RM-10)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 7
S1, S2
Source Terminal. May be an input or an output.
2, 8
D1, D2
Drain Terminal. May be an input or an output.
3, 9
IN2, IN1
Control Input.
4
GND
Ground (0 V) Reference.
5
V
SS
Most Negative Power Supply in a Dual-Supply Application. In single-supply applications, this should be tied to
ground at the device.
6
NC
No Connect.
10
V
DD
Most Positive Power Supply Potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com