Electronic Components Datasheet Search
  English  ▼

X  

ADG621 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG621
Description  Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices ADG621 Datasheet HTML 10Page - Analog Devices ADG621 Datasheet HTML 11Page - Analog Devices ADG621 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 10 of 12
TEST CIRCUITS
IDS
V1
S
D
VS
RON = V1/IDS
S
D
VS
VD
IS (OFF)
ID (OFF)
A
A
S
D
VD
ID (ON)
A
NC
NC = NO CONNECT
Figure 16. On Resistance
Figure 17. Off Leakage
Figure 18. On Leakage
0.1µF
VS
IN
S
D
VDD
GND
RL
300
Ω
CL
35pF
VOUT
VDD
VIN
VIN
VOUT
tON
tOFF
50%
50%
90%
90%
50%
50%
VSS
VSS
0.1µF
ADG621
ADG622
Figure 19. Switching Times (tON, tOFF)
S1
D1
0.1µF
VDD
IN1, IN2
VS1
GND
RL1
300
Ω
CL1
35pF
VOUT1
VS2
VOUT2
RL2
300
Ω
CL2
35pF
S2
VIN
D2
VDD
tBBM
tBBM
50%
50%
90%
VIN
VOUT1
VOUT2
90%
90%
90%
0V
0V
0V
0.1µF
VSS
VSS
Figure 20. Break-Before-Make Time Delay, tBBM (ADG623 Only)
S
D
VDD
IN
VS
GND
CL
1nF
VOUT
RS
VDD
SW ON
VIN
VOUT
QINJ = CL × ΔVOUT
SW OFF
VSS
VSS
ΔVOUT
Figure 21. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com