Electronic Components Datasheet Search
  English  ▼

X  

HPLR3103 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HPLR3103
Description  52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HPLR3103 Datasheet(HTML) 2 Page - Intersil Corporation

  HPLR3103 Datasheet HTML 1Page - Intersil Corporation HPLR3103 Datasheet HTML 2Page - Intersil Corporation HPLR3103 Datasheet HTML 3Page - Intersil Corporation HPLR3103 Datasheet HTML 4Page - Intersil Corporation HPLR3103 Datasheet HTML 5Page - Intersil Corporation HPLR3103 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6-4
Absolute Maximum Ratings
TC = 25
oC, Unless Othewise Specified
HPLR3103, HPLU3103
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
30
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
30
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±16V
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
52
390
A
A
Single Pulse Avalanche Energy (Note 4) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
240
mj
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
89
0.71
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V
30
-
-
V
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA1
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 30V, VGS = 0V
-
-
25
µA
VDS = 24V, VGS = 0V, TC = 125
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
100
nA
Breakdown Voltage Temperature
Coefficient
∆V(BR)DSS
/
∆TJ
Reference to 25oC, ID = 1mA
-
0.037
-
V
Drain to Source On Resistance
(Note 3)
rDS(ON)
ID = 28A, VGS = 10V
-
-
0.019
Ω
ID = 23A, VGS = 4.5V
-
-
0.024
Ω
Turn-On Delay Time
td(ON)
VDD = 15V, ID ≅ 34A, RL = 0.441Ω,VGS = 4.5V,
RGS =3.4Ω, Ig(REF) = 3mA
-9
-
ns
Rise Time
tr
-
210
-
ns
Turn-Off Delay Time (Note 3)
td(OFF)
-20
-
ns
Fall Time
tf
-54
-
ns
Total Gate Charge
Qg
VDD = 24V
ID ≅ 34A,
VGS = 4.5V
(Figure 6)
-
-
50
nC
Gate to Source Charge
Qgs
-
-
14
nC
Gate to Drain “Miller” Charge
Qgd
-
-
28
nC
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz (Figure 5)
-
1600
-
pF
Output Capacitance
COSS
-
640
-
pF
Reverse Transfer Capacitance
CRSS
-
320
-
pF
Internal Source Inductance
LS
Measured From the
Source Lead, 6mm (0.25in)
From Package to Center of
Die
Modified MOSFET
Symbol Showing
the Internal Devic-
es Inductances
-
7.5
-
nH
Internal Drain Inductance
LD
Measured From the Drain-
Lead, 6mm (0.25in) From
Package to Center of Die
-
4.5
-
nH
LS
LD
G
D
S
HPLR3103, HPLU3103



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com