Electronic Components Datasheet Search
  English  ▼

X  

HPLR3103 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HPLR3103
Description  52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HPLR3103 Datasheet(HTML) 3 Page - Intersil Corporation

  HPLR3103 Datasheet HTML 1Page - Intersil Corporation HPLR3103 Datasheet HTML 2Page - Intersil Corporation HPLR3103 Datasheet HTML 3Page - Intersil Corporation HPLR3103 Datasheet HTML 4Page - Intersil Corporation HPLR3103 Datasheet HTML 5Page - Intersil Corporation HPLR3103 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6-5
Thermal Resistance Junction to Case
RθJC
-
-
1.4
oC/W
Thermal Resistance Junction to Ambient
RθJA
-
-
110
oC/W
(PCB Mount Steady State)
-
-
50
oC/W
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
MOSFET
Symbol Showing
The Integral
Reverse P-N
Junction Diode
-
-
52 (Note
1)
A
Pulsed Source to Drain Current (Note 2)
ISDM
-
-
220
A
Source to Drain Diode Voltage (Note 3)
VSD
ISD = 28A
-
-
1.3
V
Reverse Recovery Time (Note 3)
trr
ISD = 34A, dISD/dt = 100A/µs
-
81
120
ns
Reverse Recovered Charge (Note 3)
QRR
ISD = 34A, dISD/dt = 100A/µs
-
210
310
nC
NOTES:
2. Repetitive rating; pulse width limited by maximum junction temperature (See Figure 11).
3. Pulse width
≤ 300µs; duty cycle ≤ 2%.
4. VDD = 15V, starting TJ = 25
oC, L = 300µH, RG = 25Ω, peak IAS = 34A, (Figure 10).
Typical Performance Curves
FIGURE 1. OUTPUT CHARACTERISTICS
FIGURE 2. OUTPUT CHARACTERISTICS
D
G
S
1
100
1000
0.1
1.0
10
100
20
µs PULSE WIDTH
TC = 25
oC
VGS IN DECENDING ORDER
VDS, DRAIN TO SOURCE VOLTAGE (V)
12V
10V
8.0V
6.0V
4.0V
3.0V
2.5V
15V
10
1
100
1000
0.1
1
10
100
20
µs PULSE WIDTH
TC = 150
oC
VDS, DRAIN TO SOURCE VOLTAGE (V)
12V
10V
8.0V
6.0V
4.0V
3.0V
2.5V
15V
VGS IN DECENDING ORDER
10
HPLR3103, HPLU3103



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com