Electronic Components Datasheet Search
  English  ▼

X  

IRF830S Datasheet(PDF) 6 Page - Guangdong Kexin Industrial Co.,Ltd

Part # IRF830S
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

IRF830S Datasheet(HTML) 6 Page - Guangdong Kexin Industrial Co.,Ltd

  IRF830S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd IRF830S Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMD Type
www.kexin.com.cn
6
MOSFET
N-Channel MOSFET
IRF830S (KRF830S)
■
Typical Characterisitics
Fig. 14 - For N-Channel
P.W.
Period
dI/dt
Diode recovery
dV/dt
Ripple
≤ 5 %
Body diode forward drop
Re-applied
voltage
Reverse
recovery
current
Body diode forward
current
VGS = 10 Va
I
S D
Driver gate drive
D.U.T. lSD waveform
D.U.T. VDS waveform
Inductor current
D = P.W.
Period
+
-
+
+
+
-
-
-
Peak Dio de Recovery dV/dt Test Circuit
V
DD
• dV/dt controlled by R g
• Driver same type as D.U.T.
• ISD controlled by duty factor “D”
• D.U.T. - device under test
D.U.T.
Circuit layout con siderations
• Low stray inductance
• Ground plane
• Low leakage inductance
current transformer
R
g
Note
a. VGS = 5 V for logic level devices
V
DD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com