Electronic Components Datasheet Search
  English  ▼

X  

UPC2776 Datasheet(PDF) 10 Page - NEC

Part # UPC2776
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 10 Page - NEC

Back Button UPC2776 Datasheet HTML 4Page - NEC UPC2776 Datasheet HTML 5Page - NEC UPC2776 Datasheet HTML 6Page - NEC UPC2776 Datasheet HTML 7Page - NEC UPC2776 Datasheet HTML 8Page - NEC UPC2776 Datasheet HTML 9Page - NEC UPC2776 Datasheet HTML 10Page - NEC UPC2776 Datasheet HTML 11Page - NEC UPC2776 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
µµµµPC2776TB
PACKAGE DIMENSIONS
6 pin super minimold (unit: mm)
2.0±0.2
1.3
0.65
0.65
0.2 +0.1
–0
0.7
0.9±0.1
0 to 0.1
0.15 +0.1
–0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com