Electronic Components Datasheet Search
  English  ▼

X  

UPC2776 Datasheet(PDF) 11 Page - NEC

Part # UPC2776
Description  5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2776 Datasheet(HTML) 11 Page - NEC

Back Button UPC2776 Datasheet HTML 4Page - NEC UPC2776 Datasheet HTML 5Page - NEC UPC2776 Datasheet HTML 6Page - NEC UPC2776 Datasheet HTML 7Page - NEC UPC2776 Datasheet HTML 8Page - NEC UPC2776 Datasheet HTML 9Page - NEC UPC2776 Datasheet HTML 10Page - NEC UPC2776 Datasheet HTML 11Page - NEC UPC2776 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
µµµµPC2776TB
NOTE ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as wide as possible to minimize ground impedance (to prevent undesired oscillation).
All the ground pins must be connected together with wide ground pattern to decrease impedance difference.
(3) The bypass capacitor (e.g. 1 000 pF) should be attached to VCC pin.
(4) The inductor must be attached between VCC and output pin (e.g. 100 nH)
(5) The DC cut capacitor must be each attached to the input and output pins.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions. Other soldering methods and condi-
tions than the recommended conditions are to be consulted with our sales representatives.
µµµµPC2776TB
Soldering method
Soldering conditions
Recommended condition symbol
Infrared ray reflow
Package peak temperature: 235
°C, Hour: within 30 s.
(more than 210
°C), Time: 3 times, Limited days: no.Note
IR35-00-3
VPS
Package peak temperature: 215
°C, Hour: within 40 s.
(more than 200
°C), Time: 3 times, Limited days: no.Note
VP15-00-3
Wave soldering
Soldering tub temperature: less than 260
°C, Hour: within 10 s.
Time: 1 time, Limited days: no.
Note
WS60-00-1
Pin part heating
Pin area temperature: less than 300
°C, Hour: within 3 s/pin.
Limited days: no.
Note
Note It is the storage days after opening a dry pack, the storage conditions are 25
°C, less than 65 % RH.
Caution The combined use of soldering method is to be avoided (However, except the pin area heating
method).
For details of recommended soldering conditions for surface mounting, refer to information document SEMICON-
DUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com