Electronic Components Datasheet Search
  English  ▼

X  

UPC2794GS Datasheet(PDF) 12 Page - NEC

Part # UPC2794GS
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2794GS Datasheet(HTML) 12 Page - NEC

Back Button UPC2794GS Datasheet HTML 8Page - NEC UPC2794GS Datasheet HTML 9Page - NEC UPC2794GS Datasheet HTML 10Page - NEC UPC2794GS Datasheet HTML 11Page - NEC UPC2794GS Datasheet HTML 12Page - NEC UPC2794GS Datasheet HTML 13Page - NEC UPC2794GS Datasheet HTML 14Page - NEC UPC2794GS Datasheet HTML 15Page - NEC UPC2794GS Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
µPC2794GS
12
Data Sheet P11888EJ3V0DS00
MEASUREMENT CIRCUIT 3
MEASUREMENT CIRCUIT 4
REG
1000
pF
1000
pF
1000
pF
20T
27 pF
1000
pF
1000
pF
1000
pF
1000
pF
20
19
18
17
16
15
14
13
12
11
1
2
34
567
8
9
10
1000
pF
1000
pF
1000
pF
1000
pF
OPEN
1000
pF
5pin Voltage
VHF
UHF
OPEN
9V
Noise
Source
UHF
VHF
VHF
UHF
SG1
Noise
Meter
BPF
VCC(9V)
UB(9V)
REG
1000
pF
1000
pF
1000
pF
20T
27 pF
1000
pF
1000
pF
1000
pF
1000
pF
20
19
18
17
16
15
14
13
12
11
1
2
34
567
8
9
10
1000
pF
1000
pF
1000
pF
1000
pF
OPEN
1000
pF
5pin Voltage
VHF
UHF
OPEN
9V
MIX PAD
UHF
VHF
VHF
UHF
SG3
SG1
desire
SG2
undesire
Spectrum
Analyzer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com