Electronic Components Datasheet Search
  English  ▼

X  

UPC2794GS Datasheet(PDF) 18 Page - NEC

Part # UPC2794GS
Description  FREQUENCY DOWN CONVERTER FOR VHF TO UHF BAND TV/VCR TUNER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2794GS Datasheet(HTML) 18 Page - NEC

Back Button UPC2794GS Datasheet HTML 12Page - NEC UPC2794GS Datasheet HTML 13Page - NEC UPC2794GS Datasheet HTML 14Page - NEC UPC2794GS Datasheet HTML 15Page - NEC UPC2794GS Datasheet HTML 16Page - NEC UPC2794GS Datasheet HTML 17Page - NEC UPC2794GS Datasheet HTML 18Page - NEC UPC2794GS Datasheet HTML 19Page - NEC UPC2794GS Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
µPC2794GS
18
Data Sheet P11888EJ3V0DS00
NOTE ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices.
(2) Form a ground pattern as widely as possible to minimize ground impedance (to prevent undesires oscillation).
(3) Keep the track length of the ground pins as short as possible.
(4) A low pass filter must be attached to VCC line.
(5) A matching circuit must be externally attached to output port.
RECOMMENDED SOLDERING CONDITIONS
The following conditions (see table below) must be met when soldering this product.
Please consult with our sales officers in case other soldering process is used or in case soldering is done under
different conditions.
For details of recommended soldering conditions for surface mounting, refer to information document
SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL (C10535E).
µPC2794GS
Soldering Process
Soldering Conditions
Infrared ray reflow
Peak package’s surface temperature: 235
°C or below,
Reflow time: 30 seconds or below (210
°C or higher),
Number of reflow process: 3, Exposure limit*1: None
VPS
Peak package’s surface temperature: 215
°C or below,
Reflow time: 40 seconds or below (200
°C or higher),
Number of reflow process: 3, Exposure limit*1: None
Partial heating method
Terminal temperature: 300
°C or below,
Flow time: 3 seconds or below,
Exposure limit*1: None
*1
Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25
°C and relative humidity at 65 % or less.
Caution Do not apply more than single process at once, except for “Partial heating method”.
Symbol
IR35-00-3
VP15-00-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com