Electronic Components Datasheet Search
  English  ▼

X  

M08016 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M08016
Description  HD/SD Serial Digital Video Cable Equalizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08016 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M08016 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M08016 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
> Applications
 Digital Video Recorders (DVR)
 Video Mixers and Switchers
 Surveillance / CCTV Cameras
 Industrial and Professional
Cameras
 Digital Image Capture Devices
 Digital Video Displays
 Distribution Amplifiers
 Repeaters
M08016
M08016
Serial Digital Video
Cable Equalizer for
1.485 Gb/s,
and 270 Mb/s
data rates
HD/SD Serial Digital Video Cable Equalizer
Figure 1 – M08016 Pin-out diagram
PRODUCT BRIEF
The M08016 is a high-speed, low-power, adaptive co-axial cable
equalizer designed to increase the maximum low-jitter
transmission distance of serial digital video signals across
commonly used bandwidth-limiting 75Ω coaxial cable.
The M08016 is designed for data rates at 1.485 Gb/s and 270 Mb/s
to support serial digital video transmission for standard definition
(525i and 625i) and high definition (720p, 1080i, and 1080p)
component video. The device also supports 8-bit or 10-bit
component digital video (RGB or YCbCr 4:4:4 sampled and YCbCr
4:2:2 or 4:2:0 sampled).
This device automatically optimizes the transfer function based on
the bit rate and cable length to minimize the inter-symbol
interference (ISI) jitter caused by the cable and to remove the DC
offset components introduced with the pathological video pattern
and AC coupling in systems.
The low-noise, high-gain equalizer allows for low jitter 1.485 Gb/s
transmissions up to a length of 200m (Belden 1694A) and 120m
(Belden 8281). At 270 Mb/s, cable lengths up to 400m (Belden
1694A) and 300m (Belden 8281) are supported.


Similar Part No. - M08016

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
More results

Similar Description - M08016

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9004C GENNUM-GS9004C Datasheet
98Kb / 5P
Serial Digital Cable Equalizer
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
212X8-DSH-001-B MA-COM-212X8-DSH-001-B Datasheet
332Kb / 18P
SD and HD/SD-SDI Digital Video Cable Drivers
M08016_PRODUCT_BRIEF MA-COM-M08016_PRODUCT_BRIEF Datasheet
338Kb / 2P
HD/SD Serial Digital Video Cable Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21214 MA-COM-M21214 Datasheet
122Kb / 2P
HD/SD Broadcast Video Adaptive Co-Axial Cable Equalizer
M21324 MA-COM-M21324 Datasheet
243Kb / 20P
SD, HD, 3G Cable Equalizer
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
3G/HD/SD Serial Digital Video Reclocker
M08048 MA-COM-M08048 Datasheet
384Kb / 2P
3G/HD/SD Serial Digital Video Cable Driver With Dual Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com