Electronic Components Datasheet Search
  English  ▼

X  

M08016 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M08016
Description  HD/SD Serial Digital Video Cable Equalizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M08016 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M08016 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M08016 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
Benefits
Adaptive cable equalization
Design flexibility and control
Optimized data rates at 270 Mb/s to 1.485 Gb/s
Single Chip Solution for multiple data rates
Allows typical equalized length of up to 200m (Belden 1694A)
and 120m (Belden 8281) for transmissions at 1.485 Gb/s
Extend industry standard cable lengths
Allows typical equalized length of up to 400m (Belden 1694A)
and 300m (Belden 8281) for transmissions at 270 Mb/s
Extend industry standard cable lengths
Mute and manual bypass mode
Supports non standard rates
Differential CML outputs (50 Ω on-chip terminations)
Low cost integration
2.5V and 3.3V power supply
Standard voltage supply supported
Small form factor and foot print (16-pin SOIC package)
Industry standard package
Low power dissipation (177mW at 2.5V and 230mW at 3.3V)
Low power and thermal management costs
Extended operating temperature range: –10°C to +85 °C
Provides additional margin for various applications
© 2011 Mindspeed Technologies, Inc. All rights reserved. Mindspeed and the Mindspeed logo
are trademarks of Mindspeed Technologies. All other trademarks are the property of their
respective owners. Although Mindspeed Technologies strives for accuracy in all its
publications, this material may contain errors or omissions and is subject to change without
notice. This material is provided as is and without any express or implied warranties, including
merchantability, fitness for a particular purpose and non-infringement. Mindspeed
Technologies shall not be liable for any special, indirect, incidental or consequential damages
as a result of its use.
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
For more product information, please visit www.mindspeed.com
Package (RoHS Compliant)
• 16-pin SOIC
Figure 2 – M08016 Functional Block Diagram
THRESH
EQ_BYP
CLEN
M08016 - Cable Equalizer
SDI
SDO
SDI
SDO
SD/MUTE
AGC
AGC
OUTPUT
BUFFER
MUTE
CONTROL
CABLE
LENGTH
INDICATOR
INPUT
BUFFER
0
1
DC
RESTORE
EQUALIZER
CORE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com